Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW6222 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # RFSW6222
Description  50MHz to 3700MHz DPDT Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSW6222 Datasheet(HTML) 4 Page - Qorvo, Inc

  RFSW6222 Datasheet HTML 1Page - Qorvo, Inc RFSW6222 Datasheet HTML 2Page - Qorvo, Inc RFSW6222 Datasheet HTML 3Page - Qorvo, Inc RFSW6222 Datasheet HTML 4Page - Qorvo, Inc RFSW6222 Datasheet HTML 5Page - Qorvo, Inc RFSW6222 Datasheet HTML 6Page - Qorvo, Inc RFSW6222 Datasheet HTML 7Page - Qorvo, Inc RFSW6222 Datasheet HTML 8Page - Qorvo, Inc RFSW6222 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Classification | PRIVATE
RFSW6222
50 MHz to 3700 MHz Differential or Dual SPDT Switch
Datasheet, Rev. D, March 10, 2021 | Subject to change without notice
4 of 10
www.qorvo.com
®
50 MHz to 2700 MHz Evaluation Board
Evaluation Board
Bill of Material  –  RFSW6222PCBA-410
Reference Des.
Value
Description
Manuf.
Part Number
-
-
Printed Circuit Board
Qorvo
RFSW6222-410(A)
U1
-
MOD, General Purpose DPDT RF switch
Qorvo
RFSW6222
C1
100 pF
CAP, 100 pF, 5%, 50V, C0G, 0402
Taiyo Yuden
RM UMK105 CG101JV-F
C2
1000 pF
CAP, 1000 pF, 10%, 50V, X7R, 0402
Murata
GRM155R71E103KA01D
R1
– R4
0 Ω
RES, 0 Ω, 0402
Kamaya
RMC1/16SJPTH
RF1, RF2, RF1A,
RF1B, RF2A, RF2B
SMA
CONN, SMA, END LUCH, MINI, FLT
, 0.068”
Aliner
20-001CF-T
P1
-
CONN, HDR, ST, PLRZD, 4-
Pin, 0.100”
ITW Pancon
MPSS100-4-C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com