Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW6222 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # RFSW6222
Description  50MHz to 3700MHz DPDT Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSW6222 Datasheet(HTML) 1 Page - Qorvo, Inc

  RFSW6222 Datasheet HTML 1Page - Qorvo, Inc RFSW6222 Datasheet HTML 2Page - Qorvo, Inc RFSW6222 Datasheet HTML 3Page - Qorvo, Inc RFSW6222 Datasheet HTML 4Page - Qorvo, Inc RFSW6222 Datasheet HTML 5Page - Qorvo, Inc RFSW6222 Datasheet HTML 6Page - Qorvo, Inc RFSW6222 Datasheet HTML 7Page - Qorvo, Inc RFSW6222 Datasheet HTML 8Page - Qorvo, Inc RFSW6222 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Classification | PRIVATE
RFSW6222
50MHz to 3700MHz DPDT Switch
Datasheet, Rev. D, March 10, 2021 | Subject to change without notice
1 of 10
www.qorvo.com
®
12-Pin, 2
 x 2 mm QFN Package
Key Features
• 50 – 3700 MHz Operation
• Low Insertion Loss: 0.29dB at 2700MHz Typical
• High Port-to-Port Isolation: 29dB at 2700MHz Typical
• Power Handling ≤ +35dBm
• Very Low Current Consumption
• 1.3V to 2.7V GPIO Compatible
Product Overview
The RFSW6222 is a Dual-Pole Double-Throw (DPDT)
switch
designed
for
general
purpose
switching
applications. The low insertion loss along with excellent
linearity performance makes the RFSW6222 ideal for
filter or amplifier bypass switching. The operational
supply voltage is from 2.4V to 3.5V. And the control
logic is compatible with 1.3V and 2.7V systems. The
standard 12-pin QFN package in 2.0mm x 2.0mm size
is a compact, easy-to-use, switch component for quick
integration into multi-mode, multi-band systems.
Ordering Information
Part No.
Description
RFSW6222TR7
2,500 pieces on a 7
” reel
RFSW6222
 PCBA-410 50 MHz – 3700MHz Evaluation Board
Functional Block Diagram
Top View
Applications
• Filter Switching
• LNA Bypass Switching
• Antenna Switching
• Dual Single-Ended Configuration
• Differential Pair Configuration


Similar Part No. - RFSW6222

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSW6222 RFMD-RFSW6222 Datasheet
640Kb / 9P
Differential SPDT or Dual SPDT Switch
More results

Similar Description - RFSW6222

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
150C2206 DAICO-150C2206 Datasheet
34Kb / 1P
Switch DPDT
logo
SG Micro Corp
SGM44602 SGMICRO-SGM44602 Datasheet
355Kb / 12P
DPDT Analog Switch
logo
Pasternack Enterprises,...
PE71S6110 PASTERNACK-PE71S6110 Datasheet
423Kb / 4P
DPDT Switch
logo
M/A-COM Technology Solu...
MASW2040 MA-COM-MASW2040_15 Datasheet
525Kb / 5P
GaAs DPDT Switch
logo
Skyworks Solutions Inc.
SKY13395-397LF SKYWORKS-SKY13395-397LF Datasheet
799Kb / 9P
0.1 to 4.0 GHz DPDT Switch
SKY13596-397LF SKYWORKS-SKY13596-397LF Datasheet
159Kb / 2P
0.4 to 3.8 GHz DPDT Switch
SKYA21037 SKYWORKS-SKYA21037 Datasheet
139Kb / 2P
0.4 to 3.8 GHz DPDT Switch
logo
Renesas Technology Corp
F2913 RENESAS-F2913 Datasheet
1Mb / 20P
High Isolation SP2T RF Switch 50MHz to 6000MHz
F2934 RENESAS-F2934 Datasheet
297Kb / 3P
High Reliability SP2T RF Switch 50MHz to 6000MHz
ISL71934M RENESAS-ISL71934M Datasheet
2Mb / 17P
Radiation Tolerant SP2T RF Switch, 50MHz to 6000MHz
Feb 24, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com