Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW6222 Datasheet (PDF) - Qorvo, Inc

RFSW6222 Datasheet PDF - Qorvo, Inc
Part # RFSW6222
Download  RFSW6222 Download
File Size   955.2 Kbytes
Page   10 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 50MHz to 3700MHz DPDT Switch

RFSW6222 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFSW6222 Datasheet PDF - Qorvo, Inc

Part # RFSW6222
Download  RFSW6222 Click to download

File Size   955.2 Kbytes
Page   10 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 50MHz to 3700MHz DPDT Switch

RFSW6222 Datasheet (HTML) - Qorvo, Inc


RFSW6222 Product details

Key Features
• 50 – 3700 MHz Operation
• Low Insertion Loss: 0.29dB at 2700MHz Typical
• High Port-to-Port Isolation: 29dB at 2700MHz Typical
• Power Handling ≤ +35dBm
• Very Low Current Consumption
• 1.3V to 2.7V GPIO Compatible

Applications
• Filter Switching
• LNA Bypass Switching
• Antenna Switching
• Dual Single-Ended Configuration
• Differential Pair Configuration




Similar Part No. - RFSW6222

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSW6222 RFMD-RFSW6222 Datasheet
640Kb / 9P
Differential SPDT or Dual SPDT Switch
More results


Similar Description - RFSW6222

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
150C2206 DAICO-150C2206 Datasheet
34Kb / 1P
Switch DPDT
logo
SG Micro Corp
SGM44602 SGMICRO-SGM44602 Datasheet
355Kb / 12P
DPDT Analog Switch
logo
Pasternack Enterprises,...
PE71S6110 PASTERNACK-PE71S6110 Datasheet
423Kb / 4P
DPDT Switch
logo
M/A-COM Technology Solu...
MASW2040 MA-COM-MASW2040_15 Datasheet
525Kb / 5P
GaAs DPDT Switch
logo
Skyworks Solutions Inc.
SKY13395-397LF SKYWORKS-SKY13395-397LF Datasheet
799Kb / 9P
0.1 to 4.0 GHz DPDT Switch
SKY13596-397LF SKYWORKS-SKY13596-397LF Datasheet
159Kb / 2P
0.4 to 3.8 GHz DPDT Switch
SKYA21037 SKYWORKS-SKYA21037 Datasheet
139Kb / 2P
0.4 to 3.8 GHz DPDT Switch
logo
Renesas Technology Corp
F2913 RENESAS-F2913 Datasheet
1Mb / 20P
High Isolation SP2T RF Switch 50MHz to 6000MHz
F2934 RENESAS-F2934 Datasheet
297Kb / 3P
High Reliability SP2T RF Switch 50MHz to 6000MHz
ISL71934M RENESAS-ISL71934M Datasheet
2Mb / 17P
Radiation Tolerant SP2T RF Switch, 50MHz to 6000MHz
Feb 24, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com