Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT40-AD1B-R2 Datasheet(PDF) 21 Page - Sensirion AG Switzerland

Part # SHT40-AD1B-R2
Description  4th Gen. Relative Humidity and Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT40-AD1B-R2 Datasheet(HTML) 21 Page - Sensirion AG Switzerland

Back Button SHT40-AD1B-R2 Datasheet HTML 16Page - Sensirion AG Switzerland SHT40-AD1B-R2 Datasheet HTML 17Page - Sensirion AG Switzerland SHT40-AD1B-R2 Datasheet HTML 18Page - Sensirion AG Switzerland SHT40-AD1B-R2 Datasheet HTML 19Page - Sensirion AG Switzerland SHT40-AD1B-R2 Datasheet HTML 20Page - Sensirion AG Switzerland SHT40-AD1B-R2 Datasheet HTML 21Page - Sensirion AG Switzerland SHT40-AD1B-R2 Datasheet HTML 22Page - Sensirion AG Switzerland SHT40-AD1B-R2 Datasheet HTML 23Page - Sensirion AG Switzerland SHT40-AD1B-R2 Datasheet HTML 24Page - Sensirion AG Switzerland  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
www.sensirion.com / D1
Version 7.1 – March 2025
21 / 24
10 Ordering Information
Material Description
Material Number
Details
Quantity (pcs)
SHT40-AD1B-R2
3.000.465
base RH&T acc., 0x44 I2C addr.
2’500
SHT40-AD1B-R3
3.000.353
base RH&T acc., 0x44 I2C addr.
10’000
SHT40-AD1F-R2
3.000.820
base RH&T acc., 0x44 I2C addr., including
patented PTFE membrane
2’500
SHT40-AD1P-R2
3.001.048
base RH&T acc., 0x44 I2C addr., including
removable protective cover
2’500
SHT40-BD1B-R2
3.000.492
base RH&T acc., 0x45 I2C addr.
2’500
SHT40-BD1F-R2
3.000.887
base RH&T acc., 0x45 I2C addr.
2’500
SHT40-BD1B-R3
3.000.610
base RH&T acc., 0x45 I2C addr.
10’000
SHT40-CD1B-R3
3.000.691
base RH&T acc., 0x46 I2C addr.
10’000
SHT41-AD1B-R2
3.000.466
intermed. RH&T acc., 0x44 I2C addr.
2’500
SHT41-AD1B-R3
3.000.611
intermed. RH&T acc., 0x44 I2C addr.
10’000
SHT41-AD1F-R2
3.000.885
intermed. RH&T acc., 0x44 I2C addr
including patented PTFE membrane
2’500
SHT41-AD1P-R2
3.001.052
Intermed. RH&T acc., 0x44 I2C addr.,
including removable protective cover
2’500
SHT43-ADCB-R2
3.000.682
3-point calibrated, ISO17025 certified,
0x44 I2C addr.
2’500
SHT43-ADCB-R3
3.000.823
3-point calibrated, ISO17025 certified,
0x44 I2C addr.
10’000
SHT43-BDCB-R3
3.000.904
3-point calibrated, ISO17025 certified,
0x45 I2C addr.
10’000
SHT45-AD1B-R2
3.000.645
±1.0 %RH, ±0.1 °C acc., 0x44 I2C addr.
2’500
SHT45-AD1F-R2
3.000.886
±1.0 %RH, ±0.1 °C acc., 0x44 I2C addr.
Including patented PTFE membrane
2’500
SHT45-AD1B-R3
3.000.750
±1.0 %RH, ±0.1 °C acc., 0x44 I2C addr.
10’000
Table 12. SHT4x ordering options.
11 Bibliography
[1] Sensirion, "Design-in Guide SHT/STS," [Online]. Available: www.sensirion.com.
[2] NXP Semiconductors, "User manual UM10204," vol. Rev. 6, 2014.
[3] Sensirion, "Handling Instructions SHT," 2024.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com