Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT40-AD1B-R2 Datasheet(PDF) 6 Page - Sensirion AG Switzerland

Part # SHT40-AD1B-R2
Description  4th Gen. Relative Humidity and Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT40-AD1B-R2 Datasheet(HTML) 6 Page - Sensirion AG Switzerland

Back Button SHT40-AD1B-R2 Datasheet HTML 2Page - Sensirion AG Switzerland SHT40-AD1B-R2 Datasheet HTML 3Page - Sensirion AG Switzerland SHT40-AD1B-R2 Datasheet HTML 4Page - Sensirion AG Switzerland SHT40-AD1B-R2 Datasheet HTML 5Page - Sensirion AG Switzerland SHT40-AD1B-R2 Datasheet HTML 6Page - Sensirion AG Switzerland SHT40-AD1B-R2 Datasheet HTML 7Page - Sensirion AG Switzerland SHT40-AD1B-R2 Datasheet HTML 8Page - Sensirion AG Switzerland SHT40-AD1B-R2 Datasheet HTML 9Page - Sensirion AG Switzerland SHT40-AD1B-R2 Datasheet HTML 10Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
www.sensirion.com / D1
Version 7.1 – March 2025
6 / 24
SHT43 |typ. Delta %RH|
100
3
90
2
80
70
1.8
60
50
40
30
20
2
10
0
3
0
10
20
25
30
40
50
60
70
80
Temperature (°C)
SHT45 |typ. Delta %RH|
100
1.75
90
1.5
80
70
1
60
50
40
30
20
10
1.5
0
0
10
20
25
30
40
50
60
70
80
Temperature (°C)
Figure 8. Typical RH accuracy tolerance over
humidity and temperature for SHT43.
Figure 9. Typical RH accuracy tolerance over
humidity and temperature for SHT45.
2.2 Temperature
Parameter
Conditions
Value
Units
SHT40 T Accuracy1
typ.
0.2
°C
max.
see Figure 10
-
SHT41 T Accuracy1
typ.
0.2
°C
max.
see Figure 11
-
SHT43 T Accuracy1
max.
see Figure 12
-
SHT45 T Accuracy1
typ.
0.1
°C
max.
see Figure 13
-
Repeatability4
high
0.04
°C
medium
0.07
°C
low
0.1
°C
Resolution6
-
0.01
°C
Specified range7
-
–40 to +125
°C
Response time12
������63%
2
s
Long-term drift13
typ.
<0.03
°C/y
Long-term drift for SHT43
typ.
<0.01
°C/y
Table 2. General Temperature Sensor specifications.
12
Temperature response time depends on heat conductivity of sensor substrate and design-in of sensor in application.
13
Max. value is <0.04 °C/y. And please note that it is different for the SHT43.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com