Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT40-AD1B-R2 Datasheet(PDF) 13 Page - Sensirion AG Switzerland

Part # SHT40-AD1B-R2
Description  4th Gen. Relative Humidity and Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT40-AD1B-R2 Datasheet(HTML) 13 Page - Sensirion AG Switzerland

Back Button SHT40-AD1B-R2 Datasheet HTML 9Page - Sensirion AG Switzerland SHT40-AD1B-R2 Datasheet HTML 10Page - Sensirion AG Switzerland SHT40-AD1B-R2 Datasheet HTML 11Page - Sensirion AG Switzerland SHT40-AD1B-R2 Datasheet HTML 12Page - Sensirion AG Switzerland SHT40-AD1B-R2 Datasheet HTML 13Page - Sensirion AG Switzerland SHT40-AD1B-R2 Datasheet HTML 14Page - Sensirion AG Switzerland SHT40-AD1B-R2 Datasheet HTML 15Page - Sensirion AG Switzerland SHT40-AD1B-R2 Datasheet HTML 16Page - Sensirion AG Switzerland SHT40-AD1B-R2 Datasheet HTML 17Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
www.sensirion.com / D1
Version 7.1 – March 2025
13 / 24
N.B.: The RH conversion formula (1) allows values to be reported which are outside of the range of
0 %RH … 100 %RH. Relative humidity values which are smaller than 0 %RH and larger than 100 %RH are non-
physical; however, these “uncropped” values might be found beneficial in some cases (e.g. when the
distribution of the sensors at the measurement boundaries are of interest). For all who do not want to
engage in evaluation of these non-physical values, cropping of the RH signal to the range of 0 %RH …
100 %RH is advised.
N.B. 2: From a computational perspective, in formulae ( 1 ), ( 2 ) and ( 3 ) the division by 216 − 1 can be
simplified to a division by only 216. The introduced accuracy deviations are <0.002 %RH and <0.003 °C,
respectively.
4.7 Serial Number
Each sensor has a unique serial number, that is assigned by Sensirion during production. It is stored in the
one-time-programmable memory and cannot be manipulated after production. The serial number is
accessible via I2C command 0x89 and is transmitted as two 16-bit words, each followed by an 8-bit CRC.
4.8 Reset & Abort
A reset of the sensor can be achieved in three ways:
1. Soft reset: send the reset command described in Table 8.
2. I2C general call reset: all devices on I2C bus are reset by sending the command 0x06 to the I2C
address 0x00.
3. Power down (incl. pulling SCL and SDA low).
Any command that triggers an action at the sensor can be aborted via I2C general call reset or soft reset.
4.9 Heater Operation
The sensor incorporates an integrated on-package heater which can be switched on by the set of commands
given in Table 8. Three heating powers and two heating durations are selectable which are given in Table 9.
After reception of a heater-on command, the sensor executes the following procedure:
1. The heater is enabled, and the timer starts its count-down.
2. On timer expiration a temperature and humidity measurement with the highest repeatability is
started, the heater remains enabled.
3. After the measurement is finished the heater is turned off.
4. Temperature and humidity values are now available for readout.
The maximum on-time of the heater commands is one second in order to prevent overheating of the sensor
by unintended usage of the heater. Thus, there is no dedicated command to turn off the heater. For extended
heating periods it is required to send periodic heater-on commands, keeping in mind that the heater is
designed for a maximal duty cycle of less than 10%. To obtain a fast increase in temperature the idle time
between consecutive heating pulses shall be kept minimal.
Parameter
Selectable Values
Heater Power (typical for VDD=3.3V)
0 (=off), 20, 110, 200 mW
Heater-on Duration (tHeat)
0.1, 1 s
Maximal duty cycle
10%
Table 9. SHT4x heater specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com