Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT40-AD1B-R2 Datasheet(PDF) 14 Page - Sensirion AG Switzerland

Part # SHT40-AD1B-R2
Description  4th Gen. Relative Humidity and Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT40-AD1B-R2 Datasheet(HTML) 14 Page - Sensirion AG Switzerland

Back Button SHT40-AD1B-R2 Datasheet HTML 10Page - Sensirion AG Switzerland SHT40-AD1B-R2 Datasheet HTML 11Page - Sensirion AG Switzerland SHT40-AD1B-R2 Datasheet HTML 12Page - Sensirion AG Switzerland SHT40-AD1B-R2 Datasheet HTML 13Page - Sensirion AG Switzerland SHT40-AD1B-R2 Datasheet HTML 14Page - Sensirion AG Switzerland SHT40-AD1B-R2 Datasheet HTML 15Page - Sensirion AG Switzerland SHT40-AD1B-R2 Datasheet HTML 16Page - Sensirion AG Switzerland SHT40-AD1B-R2 Datasheet HTML 17Page - Sensirion AG Switzerland SHT40-AD1B-R2 Datasheet HTML 18Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
www.sensirion.com / D1
Version 7.1 – March 2025
14 / 24
Possible Heater Use Cases
There will be dedicated Sensirion application notes elaborating on various use cases of the heater. In general,
the applications of the on-package heater range around:
1.
Removal of condensed / spray water on the sensor surface. Although condensed water is not a
reliability / quality problem to the sensor, it will however make the sensor non-responsive to RH
changes in the air as long as there is liquid water on the surface.
2.
Creep-free operation in high humid environments. Periodic heating pulses allow for creep-free
high-humidity measurements for extended times.
Important notes for operating the heater:
1.
The heater is designed for a maximum duty cycle of 10%, meaning the total heater-on-time
should not be longer than 10% of the sensor’s lifetime.
2.
During operation of the heater, sensor specifications are not valid.
3.
The temperature sensor can additionally be affected by the thermally induced mechanical stress,
offsetting the temperature reading from the actual temperature.
4.
The sensor’s temperature (base temperature + temperature increase from heater) must not
exceed Tmax = 125 °C in order to have proper electrical functionality of the chip.
5.
The heater draws a large amount of current once enabled (up to ~75 mA in the highest power
setting). Although a dedicated circuitry draws this current smoothly, the power supply must be
strong enough to avoid large voltage drops that could provoke a sensor reset.
6.
If higher heating temperatures are desired, consecutive heating commands must be sent to the
sensor. The heater shall only be operated in ambient temperatures below 65 °C or else it could
drive the sensor outside of its maximal operating temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com