Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT40-AD1F-R2 Datasheet(PDF) 22 Page - Sensirion AG Switzerland

Part # SHT40-AD1F-R2
Description  4th Gen. Relative Humidity and Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT40-AD1F-R2 Datasheet(HTML) 22 Page - Sensirion AG Switzerland

Back Button SHT40-AD1F-R2 Datasheet HTML 16Page - Sensirion AG Switzerland SHT40-AD1F-R2 Datasheet HTML 17Page - Sensirion AG Switzerland SHT40-AD1F-R2 Datasheet HTML 18Page - Sensirion AG Switzerland SHT40-AD1F-R2 Datasheet HTML 19Page - Sensirion AG Switzerland SHT40-AD1F-R2 Datasheet HTML 20Page - Sensirion AG Switzerland SHT40-AD1F-R2 Datasheet HTML 21Page - Sensirion AG Switzerland SHT40-AD1F-R2 Datasheet HTML 22Page - Sensirion AG Switzerland SHT40-AD1F-R2 Datasheet HTML 23Page - Sensirion AG Switzerland SHT40-AD1F-R2 Datasheet HTML 24Page - Sensirion AG Switzerland  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
www.sensirion.com / D1
Version 7.1 – March 2025
22 / 24
12 Revision History
Date
Version
Pages
Changes
October 2020
1
all
Initial release
July 2021
2
multiple
3
4
10
12
21
Typo correction
Included checksum in Figure 1
Included description of NIST traceability in section 2
Included repeatability clarification in Table 1
Clarified I2C communication in section 4.1
Removed waiting time specification in Table 5
Specified serial number in section 4.7
Updated qualification status in section 6
Deleted binary com. & included return values in Table 8
Updated note on duty cycle of heater in section 4.9
Added note on large current drawn by heater in section 4.9
Updated ordering information in Table 12
March 2022
3
multiple
multiple
4
4
4
10
20
21
Included SHT45 RH- and T-accuracy specifications.
Extended max. heater duty cycle to 10%
Reduced RH response time to 4s in Table 1
Reduced long-term drift to <0.2%RH/y in Table 1
Reduced hysteresis to 0.8 %RH at 25 °C Table 1
Updated max. measurement times in Table 5
Included I2C communication timing in section 4.2
Introduced new product version in Table 11
Updated ordering information in Table 12
November 2022
4
All
4
5
5
6
6
8
15
16
18
19
20
20
21
Updated Datasheet with new SHT43
Edited Table 1 with SHT43 data
Inserted Figure 4
Edited Table 2 with SHT43 data
Inserted Figure 8
Inserted Figure 12 for SHT43
Inserted section 2.4
Inserted Figure 16 or filter membrane
Added footnote for Laser marking of protective options
Inserted section 6 about protective options
Added Figure 20 showing protective cover
Inserted Figure 22
Updated Table 11 with SHT43 (3 & C)
Updated Table 12 with SHT43-ABDC-R3
January 2023
5
21
Added SHT43-BDCB-R3 to Table 12
February 2023
6
12
Typo correction C= I2C Address 0x46, table formatting
March 2023
6.1
1
12
Added power consumption 0.4 μW in general description
Added remark on saving computation resources on page 12
August 2023
6.2
All
6
11
17
19
Reformatting and typo correction
Inserting 25°C in Figure 6 - Figure 9
Updated Section 4.2
Inserted comment in Section 6.1 reagrding IP67
Correcting Reel Diameter to 7 inch in section 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com