Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT40-AD1F-R2 Datasheet(PDF) 10 Page - Sensirion AG Switzerland

Part # SHT40-AD1F-R2
Description  4th Gen. Relative Humidity and Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT40-AD1F-R2 Datasheet(HTML) 10 Page - Sensirion AG Switzerland

Back Button SHT40-AD1F-R2 Datasheet HTML 6Page - Sensirion AG Switzerland SHT40-AD1F-R2 Datasheet HTML 7Page - Sensirion AG Switzerland SHT40-AD1F-R2 Datasheet HTML 8Page - Sensirion AG Switzerland SHT40-AD1F-R2 Datasheet HTML 9Page - Sensirion AG Switzerland SHT40-AD1F-R2 Datasheet HTML 10Page - Sensirion AG Switzerland SHT40-AD1F-R2 Datasheet HTML 11Page - Sensirion AG Switzerland SHT40-AD1F-R2 Datasheet HTML 12Page - Sensirion AG Switzerland SHT40-AD1F-R2 Datasheet HTML 13Page - Sensirion AG Switzerland SHT40-AD1F-R2 Datasheet HTML 14Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
www.sensirion.com / D1
Version 7.1 – March 2025
10 / 24
3.1 Timings
Max. values are measured at −40 °C and 1.08 V supply voltage (based on characterization).
Parameter
Symbol
Conditions
Min.
Typ. Max. Units
Comments
Power-up time
tPU
After hard reset,
VDD ≥ VPOR
-
0.3
1
ms
Time between VDD reaching
VPOR and sensor entering idle
state
Soft reset time
tSR
After soft reset
-
-
1
ms
Time between ACK of soft
reset command and sensor
entering idle state. Also valid
for I2C general call reset.
Measurement
duration
tMEAS,l
Low
repeatability
-
1.3
1.6
ms
Including tPU:
The three repeatability
modes differ with respect to
measurement duration, noise
level and energy
consumption
tMEAS,m
Med.
repeatability
-
3.7
4.5
ms
tMEAS,h
High
repeatability
-
6.9
8.3
ms
Heater-on
duration
tHeater
Long pulse
0.9
1
1.1
s
After that time the heater is
automatically switched off
Short pulse
0.09
0.1
0.11
s
After that time the heater is
automatically switched off
Table 5. System timing specifications
3.2 Absolute Maximum Ratings
Stress levels beyond those listed in Table 6 may cause permanent damage or affect the reliability of the
device. These are stress ratings only and functional operation of the device at these conditions is not
guaranteed. Ratings are only tested each at a time.
Parameter
Rating
Max. voltage on any pin
VSS −0.3 V … VDD +0.3 V
Operating temperature range
−40 °C … 125 °C
Storage temperature range
−40 °C …150 °C
ESD HBM
2 kV
ESD CDM
500 V
Latch up, JESD78 Class II, 125 °C
100 mA
Table 6. Absolute maximum ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com