Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT40-AD1F-R2 Datasheet(PDF) 7 Page - Sensirion AG Switzerland

Part # SHT40-AD1F-R2
Description  4th Gen. Relative Humidity and Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT40-AD1F-R2 Datasheet(HTML) 7 Page - Sensirion AG Switzerland

Back Button SHT40-AD1F-R2 Datasheet HTML 3Page - Sensirion AG Switzerland SHT40-AD1F-R2 Datasheet HTML 4Page - Sensirion AG Switzerland SHT40-AD1F-R2 Datasheet HTML 5Page - Sensirion AG Switzerland SHT40-AD1F-R2 Datasheet HTML 6Page - Sensirion AG Switzerland SHT40-AD1F-R2 Datasheet HTML 7Page - Sensirion AG Switzerland SHT40-AD1F-R2 Datasheet HTML 8Page - Sensirion AG Switzerland SHT40-AD1F-R2 Datasheet HTML 9Page - Sensirion AG Switzerland SHT40-AD1F-R2 Datasheet HTML 10Page - Sensirion AG Switzerland SHT40-AD1F-R2 Datasheet HTML 11Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
www.sensirion.com / D1
Version 7.1 – March 2025
7 / 24
Figure 10. SHT40 typical and maximal
temperature accuracy.
Figure 11. SHT41 typical and maximal
temperature accuracy.
Figure 12. SHT43 maximal temperature accuracy.
The green lines represent the calibration points
for ISO-17025 certification.
Figure 13. SHT45 typical and maximal
temperature accuracy.
2.3 Recommended Operating Conditions
The sensor shows best performance when operated within the recommended normal temperature and
humidity range of 5 °C … 60 °C and 20 %RH … 80 %RH, respectively. Long term exposure to conditions
outside recommended normal range, especially at high relative humidity, may temporarily offset the RH
signal (e.g. +3 %RH after 60 h at >80 %RH). After returning into the recommended normal temperature and
humidity range the sensor will recover to within specifications by itself. Prolonged exposure to extreme
conditions may accelerate ageing.
The Sensors from Sensirion’s SHT4x Family show exceptional resistance to volatile organic compounds and
ageing. To avoid contamination the conditions described in the document “Handling Instructions SHT” [2]
must be met. Please note that this does apply not only to transportation and manufacturing, but also to the
operation of the SHT4x sensor.
±0.0
±0.2
±0.4
±0.6
±0.8
±1.0
-40 -20
0
20
40
60
80
100 120
Temperature (°C)
SHT40 typ
SHT40 max
T (°C)
±0.0
±0.2
±0.4
±0.6
±0.8
±1.0
-40 -20
0
20
40
60
80
100 120
Temperature (°C)
SHT41 typ
SHT41 max
T (°C)
±0.0
±0.2
±0.4
±0.6
±0.8
±1.0
-40
-20
0
20
40
60
80
100 120
Temperature (°C)
SHT43 max
T (°C)
±0.0
±0.2
±0.4
±0.6
±0.8
±1.0
-40
-20
0
20
40
60
80
100 120
Temperature (°C)
SHT45 typ
SHT45 max
T (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com