Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT40-AD1F-R2 Datasheet(PDF) 17 Page - Sensirion AG Switzerland

Part # SHT40-AD1F-R2
Description  4th Gen. Relative Humidity and Temperature Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT40-AD1F-R2 Datasheet(HTML) 17 Page - Sensirion AG Switzerland

Back Button SHT40-AD1F-R2 Datasheet HTML 13Page - Sensirion AG Switzerland SHT40-AD1F-R2 Datasheet HTML 14Page - Sensirion AG Switzerland SHT40-AD1F-R2 Datasheet HTML 15Page - Sensirion AG Switzerland SHT40-AD1F-R2 Datasheet HTML 16Page - Sensirion AG Switzerland SHT40-AD1F-R2 Datasheet HTML 17Page - Sensirion AG Switzerland SHT40-AD1F-R2 Datasheet HTML 18Page - Sensirion AG Switzerland SHT40-AD1F-R2 Datasheet HTML 19Page - Sensirion AG Switzerland SHT40-AD1F-R2 Datasheet HTML 20Page - Sensirion AG Switzerland SHT40-AD1F-R2 Datasheet HTML 21Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
www.sensirion.com / D1
Version 7.1 – March 2025
17 / 24
5.5 Thermal Information
Symbol
Description
Heater off, die
pad soldered
(K/W)
Heater on, die
pad soldered
(K/W)
Heater off,
die pad
not soldered
(K/W)
Heater on,
die pad
not soldered
(K/W)
������������������������
Junction-to-
ambient thermal
resistance
246
308
297
357
������������������������
Junction-to-case
thermal resistance
189
255
191
257
������������������������
Junction-to-board
thermal resistance
159
225
193
258
������������
Junction-to-board
characterization
param.
159
223
191
254
������������
Junction-to-top
characterization
param.
38
105
44
112
Table 10. Typical values for thermal metrics. In the “heater on” columns a heater power of 200 mW was
assumed. Soldering of the die pad is not recommended, therefore the two right hand side columns are bold.
Values are based on simulation.
6
Protection Options
6.1 Membrane Option
The on-package filter membrane option for SHT4x family, protected by several patents16, inherently provides
an additional barrier for all pollutants to enter the sensor opening, thus lowering negative influences on the
sensing element. Mostly designed to keep particles and dust from accumulating and reducing the response
time, the membrane also enables more efficient and easy cleaning, as it helps to reduce liquid intrusion into
the sensor opening. Even though not selectively filtering, in general, physical barriers allow to reduce the
amount of unwanted chemical contamination and help to remove potentially harmful components by
facilitating wiping (flat sensor surface).
The integrated SHT4x PTFE membrane provides additional protection from particles and enables sensor
operation in harsh conditions (according to IP67). The membrane has a thickness of 100 µm offering a
filtration efficiency of >99.99% for particles of 200 nm size and larger. Owing to the high permeability and
the small volume between sensing element and membrane, the specified response time of the RH sensor is
unaltered.
Figure 19. SHT4x with integrated PTFE membrane, highlighting the beneficial flat geometry of the SHT4x.
16
US 10,281,442 ; EP 2871152 ; CN 104627945



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com