Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4923 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4923
Description  Dynamic Differential Hall Effect Sensor IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4923 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4923 Datasheet HTML 5Page - Infineon Technologies AG TLE4923 Datasheet HTML 6Page - Infineon Technologies AG TLE4923 Datasheet HTML 7Page - Infineon Technologies AG TLE4923 Datasheet HTML 8Page - Infineon Technologies AG TLE4923 Datasheet HTML 9Page - Infineon Technologies AG TLE4923 Datasheet HTML 10Page - Infineon Technologies AG TLE4923 Datasheet HTML 11Page - Infineon Technologies AG TLE4923 Datasheet HTML 12Page - Infineon Technologies AG TLE4923 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
TLE4923
Maximum Ratings
Data Sheet
9
V 1.0, 2005-04
3
Maximum Ratings
Note: Stresses above those listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Table 2
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit
Remarks
min.
max.
Supply voltage
V
S
-18
1)
1) Reverse current drawn by the device < 10 mA
24
V
Capacitor
voltage
V
C
-0.3
3
V
Junction
temperature
T
j
–
–
–
–
150
160
170
190
°C
5000 h
2500 h
500 h
4 h
Storage
temperature
T
S
-40
150
°C
Thermal
resistance
R
thJA
–
190
K/W
2)
2) Can be reduced significantly by further packaging process, e. g. overmolding.
The device is ESD protected up to 2 kV (HL test procedure)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com