Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4923 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE4923
Description  Dynamic Differential Hall Effect Sensor IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4923 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE4923 Datasheet HTML 7Page - Infineon Technologies AG TLE4923 Datasheet HTML 8Page - Infineon Technologies AG TLE4923 Datasheet HTML 9Page - Infineon Technologies AG TLE4923 Datasheet HTML 10Page - Infineon Technologies AG TLE4923 Datasheet HTML 11Page - Infineon Technologies AG TLE4923 Datasheet HTML 12Page - Infineon Technologies AG TLE4923 Datasheet HTML 13Page - Infineon Technologies AG TLE4923 Datasheet HTML 14Page - Infineon Technologies AG TLE4923 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
TLE4923
Electrical Parameters
Data Sheet
11
V 1.0, 2005-04
5
Electrical Parameters
Table 4
Electrical Characteristics
The device characteristics listed below are guaranteed in the full operating range.
Parameter
Symbol
Limit Values
Unit
Test
Condition
Test
Circuit
min.
typ.
max.
Supply current
I
S
3.1
8.1
4.1
10.5
5.3
13.6
mA
mA
1
1
Supply current
difference
I
SON -
I
SOFF
5.0
6.4
8.3
mA
1
Supply current
ratio
I
SON /
I
SOFF
22.4
3
1
Center of
switching points:
(
∆B
OP + ∆BRP) / 2
∆B
m
-0.5
0
0.5
mT
∆B = 2.0 mT,
f = 200 Hz,
-40°C <
T
j ≤
150°C
1) 2)
2
Center of
switching points:
(
∆B
OP + ∆BRP) / 2
∆B
m
-0.7
0
0.7
mT
∆B = 2.0 mT,
f = 200 Hz,
150°C <
T
j
< 190°C
1) 2)
2
Hysteresis
∆B
H
11.5
2.2
mT
∆B = 2.0 mT,
f = 200 Hz 3)
2
Current rise time
t
r
––0.5
µs2
Current fall time
t
f
––0.5
µs2
Delay time
4)
t
dop
t
drp
t
dop - tdrp
25
10
15
µs
µs
µs
f = 10 kHz,
∆B = 5 mT
2
Filter input
resistance
R
C
35
43
52
k
Ω
25°C ±2°C
1
Filter sensitivity
to
∆B
S
C
8.5
mV/
mT
25°C ±2°C
1
Filter bias
voltage
V
C
1.6
2.0
2.4
V
∆B = 0
1
Frequency
f
5)
10000
Hz
∆B = 5 mT
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com