Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4923 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE4923
Description  Dynamic Differential Hall Effect Sensor IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4923 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE4923 Datasheet HTML 8Page - Infineon Technologies AG TLE4923 Datasheet HTML 9Page - Infineon Technologies AG TLE4923 Datasheet HTML 10Page - Infineon Technologies AG TLE4923 Datasheet HTML 11Page - Infineon Technologies AG TLE4923 Datasheet HTML 12Page - Infineon Technologies AG TLE4923 Datasheet HTML 13Page - Infineon Technologies AG TLE4923 Datasheet HTML 14Page - Infineon Technologies AG TLE4923 Datasheet HTML 15Page - Infineon Technologies AG TLE4923 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
TLE4923
Electrical Parameters
Data Sheet
12
V 1.0, 2005-04
Note: The listed characteristics are ensured over the operating range of the integrated
circuit. Typical characteristics specify mean values expected over the production
spread. If not otherwise specified, typical characteristics apply at
T
j = 25°C and the
given supply voltage.
Resistivity
against
mechanical
stress (piezo)
6)
∆B
m
∆B
H
-0.1
-0.1
–
–
0.1
0.1
mT
mT
F = 2 N
2
Power supply
rejection ratio
(PSRR)
V
PSRR
10
–
–
V
V
S modulated
with
V
PSRR,
f
PSRR = 10 kHz,
t
r,fPSRR = 1 µs,
∆B = 0, only
1 transition
may occur
2
7)
1) For
∆B values larger than ±10 mT this value may exceed the limits as follows: | ∆B
m | < | 0.05 × ∆B |
2) Leakage currents at pin 3 should be avoided. The bias shift of
B
m caused by a leakage current IL can be
calculated by:
. See also the typical curves on Page 22.
3) Differential pre-induction (e.g. by magnetic misalignment) has to be smaller than 20 mT.
4) For definition see Figure 6.
5) Depends on filter capacitor
C
F. The cut-off frequency is given as
. The switching points
are guaranteed over the whole frequency range, but amplitude modification and phase shift have to be taken
into account due to the 1
st order highpass filter.
6) For definition see Figure 7.
7) For definition see Figure 5.
Table 4
Electrical Characteristics (cont’d)
The device characteristics listed below are guaranteed in the full operating range.
Parameter
Symbol
Limit Values
Unit
Test
Condition
Test
Circuit
min.
typ.
max.
∆B
m
I
L
R
C T
()
×
S
C T
()
---------------------
=
f
1
2
π
×
R
C
×
C
F
×
----------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com