Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4923 Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE4923
Description  Dynamic Differential Hall Effect Sensor IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4923 Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE4923 Datasheet HTML 11Page - Infineon Technologies AG TLE4923 Datasheet HTML 12Page - Infineon Technologies AG TLE4923 Datasheet HTML 13Page - Infineon Technologies AG TLE4923 Datasheet HTML 14Page - Infineon Technologies AG TLE4923 Datasheet HTML 15Page - Infineon Technologies AG TLE4923 Datasheet HTML 16Page - Infineon Technologies AG TLE4923 Datasheet HTML 17Page - Infineon Technologies AG TLE4923 Datasheet HTML 18Page - Infineon Technologies AG TLE4923 Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
TLE4923
Application Notes
Data Sheet
15
V 1.0, 2005-04
6
Application Notes
Two possible applications are shown in Figure 10 and Figure 11 (Toothed and Magnet
Wheel).
Two-wire application is shown in Figure 12.
Gear Tooth Sensing
In the case of ferromagnetic toothed wheel applications the IC has to be biased by the
south or north pole of a permanent magnet (e.g. SmCo
5 (Vacuumschmelze VX170) with
the dimensions 8 mm
× 5 mm × 3 mm) which should cover both Hall probes.
The maximum air gap depends on:
– the magnetic field strength (magnet used; pre-induction) and
– the tooth wheel that is used (dimensions, material, etc.; resulting differential field).
Figure 8
Sensor Spacing
Figure 9
Tooth Wheel Dimensions
b
L
a
N
S
AEA01259
a centered distance
of Hall probes
b Hall probes to
IC surface
L IC surface to
tooth wheel
a = 2.5 mm
b = 0.3 mm
d
T
AEA01260
DIN
d
diameter (mm)
z
number of teeth
m
module
m = d/z (mm)
T
pitch
T =
π × m (mm)
Conversion DIN – ASA
m = 25.4 mm/p
T = 25.4 mm CP
ASA
p
diameter pitch
p
=
z/d (inch)
PD
pitch diameter PD =
z/p (inch)
CP
circular pitch
CP = 1 inch
× π/p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com