Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA115 Datasheet(PDF) 5 Page - Texas Instruments

Part # INA115
Description  Precision INSTRUMENTATION AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA115 Datasheet(HTML) 5 Page - Texas Instruments

  INA115 Datasheet HTML 1Page - Texas Instruments INA115 Datasheet HTML 2Page - Texas Instruments INA115 Datasheet HTML 3Page - Texas Instruments INA115 Datasheet HTML 4Page - Texas Instruments INA115 Datasheet HTML 5Page - Texas Instruments INA115 Datasheet HTML 6Page - Texas Instruments INA115 Datasheet HTML 7Page - Texas Instruments INA115 Datasheet HTML 8Page - Texas Instruments INA115 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
®
INA115
TYPICAL PERFORMANCE CURVES (CONT)
At T
A = +25°C, VS = ±15V, unless otherwise noted.
SETTLING TIME vs GAIN
Gain (V/V)
1
100
1000
10
1200
1000
800
600
400
200
0
0.01%
0.1%
OFFSET VOLTAGE WARM-UP vs TIME
Time from Power Supply Turn-on (s)
0
6
4
2
0
–2
–4
–6
15
30
45
60
75
90
105
120
G 100
>
MAXIMUM OUTPUT SWING vs FREQUENCY
10
32
28
24
20
16
12
8
4
0
100
10k
1M
Frequency (Hz)
100k
1k
G = 100
G = 1, 10
G = 1000
INPUT BIAS AND INPUT OFFSET CURRENT
vs TEMPERATURE
Temperature (°C)
–40
2
1
0
–1
–2
–15
10
35
60
85
±I
B
I
OS
INPUT BIAS CURRENT
vs DIFFERENTIAL INPUT VOLTAGE
Differential Overload Voltage (V)
–45
3
2
1
0
–1
–2
–3
–30
–15
0
15
30
45
G = 1
G = 10
G = 1000
G = 100
INPUT BIAS CURRENT
vs COMMON-MODE INPUT VOLTAGE
–45
3
2
1
0
–1
–2
–3
–30
–15
0
15
30
45
|I
b1| + |Ib2|
Common-Mode Voltage (V)
Normal
Operation
Over-Voltage
Protection
Over-Voltage
Protection
One Input
Both Inputs
Both Inputs
One Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com