Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA115 Datasheet(PDF) 11 Page - Texas Instruments

Part # INA115
Description  Precision INSTRUMENTATION AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA115 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA115 Datasheet HTML 7Page - Texas Instruments INA115 Datasheet HTML 8Page - Texas Instruments INA115 Datasheet HTML 9Page - Texas Instruments INA115 Datasheet HTML 10Page - Texas Instruments INA115 Datasheet HTML 11Page - Texas Instruments INA115 Datasheet HTML 12Page - Texas Instruments INA115 Datasheet HTML 13Page - Texas Instruments INA115 Datasheet HTML 14Page - Texas Instruments INA115 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
®
INA115
FIGURE 7. ECG Amplifier with Right Leg Drive.
INPUT COMMON-MODE RANGE
The linear common-mode range of the input op amps of the
INA115 is approximately
±13.75V (or 1.25V from the power
supplies). As the output voltage increases, however, the linear
input range will be limited by the output voltage swing of the
input amplifiers, A
1 and A2. The common-mode range is
related to the output voltage of the complete amplifier—see
performance curve “Input Common-Mode Range vs Output
Voltage.”
A combination of common-mode and differential input sig-
nals can cause the output of A
1
or A
2
to saturate. Figure 6
shows the output voltage swing of A
1 and A2 expressed in
terms of a common-mode and differential input voltages.
Output swing capability of the input amplifiers, A
1 and A2 is
the same as the output amplifier, A
3
. For applications where
input common-mode range must be maximized, limit the
output voltage swing by connecting the INA115 in a lower
gain (see performance curve “Input Common-Mode Voltage
Range vs Output Voltage”). If necessary, add gain after the
INA115 to increase the voltage swing.
Input-overload often produces an output voltage that appears
normal. For example, an input voltage of +20V on one input
and +40V on the other input will obviously exceed the linear
common-mode range of both input amplifiers. Since both
input amplifiers are saturated to the nearly the same output
voltage limit, the difference voltage measured by the output
amplifier will be near zero. The output of the INA115 will be
near 0V even though both inputs are overloaded.
INPUT PROTECTION
The inputs of the INA115 are individually protected for
voltages up to
±40V. For example, a condition of –40V on one
input and +40V on the other input will not cause damage.
Internal circuitry on each input provides low series impedance
under normal signal conditions. To provide equivalent protec-
tion, series input resistors would contribute excessive noise. If
the input is overloaded, the protection circuitry limits the input
current to a safe value (approximately 1.5mA). The typical
performance curve “Input Bias Current vs Common-Mode
Input Voltage” shows this input current limit behavior. The
inputs are protected even if the power supply voltage is zero.
OTHER APPLICATIONS
See the INA114 data sheet for other applications circuits of
general interest.
LA
RL
RA
24.9k
Ω
OPA177
390k
Ω
390k
Ω
24.9k
Ω
INA115
R
G
V
O2
V
O1
V
O
FIGURE 6. Voltage Swing of A
1 and A2.
A
1
A
2
A
3
25k
Ω
25k
Ω
25k
Ω
25k
Ω
R
G
V+
V–
INA115
V
O = G • VD
G = 1 +
50k
Ω
R
G
25k
Ω
25k
Ω
V
CM –
G • V
D
2
V
D
2
V
D
2
V
CM
V
CM +
G • V
D
2
Over-Voltage
Protection
Over-Voltage
Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com