Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA115 Datasheet(PDF) 8 Page - Texas Instruments

Part # INA115
Description  Precision INSTRUMENTATION AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA115 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA115 Datasheet HTML 4Page - Texas Instruments INA115 Datasheet HTML 5Page - Texas Instruments INA115 Datasheet HTML 6Page - Texas Instruments INA115 Datasheet HTML 7Page - Texas Instruments INA115 Datasheet HTML 8Page - Texas Instruments INA115 Datasheet HTML 9Page - Texas Instruments INA115 Datasheet HTML 10Page - Texas Instruments INA115 Datasheet HTML 11Page - Texas Instruments INA115 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
®
INA115
APPLICATION INFORMATION
Figure 1 shows the basic connections required for operation of
the INA115. Applications with noisy or high impedance
power supplies may require decoupling capacitors close to the
device pins as shown.
The output is referred to the output reference (Ref) terminal
which is normally grounded. This must be a low-impedance
connection to assure good common-mode rejection. A resis-
tance of 5
Ω in series with the Ref pin will cause a typical
device to degrade to approximately 80dB CMR (G=1).
The INA115 has a separate output sense feedback connection
(pin 12). Pin 12 must be connected (normally to the output
terminal, pin 11) for proper operation. The output sense
connection can be used to sense the output voltage directly at
the load for best accuracy.
SETTING THE GAIN
Gain of the INA115 is set by connecting a single external
resistor, R
G:
FIGURE 1. Basic Connections.
DESIRED
R
G
NEAREST 1% R
G
GAIN
(
Ω)(Ω)
1
No Connection
No Connection
2
50.00k
49.9k
5
12.50k
12.4k
10
5.556k
5.62k
20
2.632k
2.61k
50
1.02k
1.02k
100
505.1
511
200
251.3
249
500
100.2
100
1000
50.05
49.9
2000
25.01
24.9
5000
10.00
10
10000
5.001
4.99
G
= 1 + 50 kΩ
R
G
(1)
Commonly used gains and resistor values are shown in
Figure 1.
For G=1, no resistor is required, but connect pins 2-3 and
connect pins 14-15. Gain peaking in G=1 can be reduced by
shorting the internal 25k
Ω feedback resistors (see typical
performance curve Gain vs Frequency). To do this, connect
pins 1-2-3 and connect pins 8-14-15.
The 50k
Ω term in equation 1 comes from the sum of the two
internal feedback resistors. These are on-chip metal film
resistors which are laser trimmed to accurate absolute values.
The accuracy and temperature coefficient of these resistors
are included in the gain accuracy and drift specifications of the
INA115.
The stability and temperature drift of the external gain setting
resistor, R
G
, also affects gain. R
G
’s contribution to gain error
and drift can be directly inferred from the gain equation (1).
Low resistor values required for high gain can make wiring
resistance important. The “force and sense” type connections
illustrated in Figure 1 help reduce the effect of interconnection
resistance.
A
1
A
2
A
3
12
11
10
25k
Ω
25k
Ω
25k
Ω
25k
Ω
13
7
5
4
V
IN
V
IN
R
G
V+
V–
INA115
–
+
Over-Voltage
Protection
25k
Ω
25k
Ω
Over-Voltage
Protection
15
14
3
2
8
V
O2
V
O1
1
Load
G = 1 +
50k
Ω
R
G
V
O = G • (VIN – VIN)
0.1µF
0.1µF
+
–
V
O
Also drawn in simplified form:
Ref
INA115
V
IN
V
IN
R
G
–
+
V
O
V
O2
V
O1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com