Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA115 Datasheet(PDF) 6 Page - Texas Instruments

Part # INA115
Description  Precision INSTRUMENTATION AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA115 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA115 Datasheet HTML 2Page - Texas Instruments INA115 Datasheet HTML 3Page - Texas Instruments INA115 Datasheet HTML 4Page - Texas Instruments INA115 Datasheet HTML 5Page - Texas Instruments INA115 Datasheet HTML 6Page - Texas Instruments INA115 Datasheet HTML 7Page - Texas Instruments INA115 Datasheet HTML 8Page - Texas Instruments INA115 Datasheet HTML 9Page - Texas Instruments INA115 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
®
INA115
TYPICAL PERFORMANCE CURVES (CONT)
At T
A = +25°C, VS = ±15V, unless otherwise noted.
SLEW RATE vs TEMPERATURE
–75
1.0
0.8
0.6
0.4
0.2
0
125
Temperature (°C)
–50
–25
0
25
50
75
100
OUTPUT CURRENT LIMIT vs TEMPERATURE
–40
30
25
20
15
10
85
Temperature (°C)
–15
10
35
60
+|I
CL|
–|I
CL|
QUIESCENT CURRENT vs TEMPERATURE
–75
2.8
2.6
2.4
2.2
2.0
1.8
125
Temperature (°C)
–50
–25
0
25
50
75
100
QUIESCENT CURRENT AND POWER DISSIPATION
vs POWER SUPPLY VOLTAGE
0
2.6
2.5
2.4
2.3
2.2
2.1
2.0
Power Supply Voltage (V)
±3
±6
±9
±12
±15
±18
120
100
80
60
40
20
0
Power Dissipation
Quiescent Current
POSITIVE SIGNAL SWING
vs TEMPERATURE (R
L = 2kΩ)
–75
16
14
12
10
8
6
4
2
0
125
Temperature (°C)
–50
–25
0
25
50
75
100
V
S = ±15V
V
S = ±11.4V
V
S = ±2.25V
NEGATIVE SIGNAL SWING
vs TEMPERATURE (R
L = 2kΩ)
–75
–16
–14
–12
–10
–8
–6
–4
–2
0
125
Temperature (°C)
–50
–25
0
25
50
75
100
V
S = ±15V
V
S = ±11.4V
V
S = ±2.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com