Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE-1010-R 1M Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # EE-1010-R 1M
Description  Slot-type Photomicrosensor (Non-modulated)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-1010-R 1M Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button EE-1010-R 1M Datasheet HTML 3Page - Omron Electronics LLC EE-1010-R 1M Datasheet HTML 4Page - Omron Electronics LLC EE-1010-R 1M Datasheet HTML 5Page - Omron Electronics LLC EE-1010-R 1M Datasheet HTML 6Page - Omron Electronics LLC EE-1010-R 1M Datasheet HTML 7Page - Omron Electronics LLC EE-1010-R 1M Datasheet HTML 8Page - Omron Electronics LLC EE-1010-R 1M Datasheet HTML 9Page - Omron Electronics LLC EE-1010-R 1M Datasheet HTML 10Page - Omron Electronics LLC EE-1010-R 1M Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
EE-SX47/67
7
7
Two, 3.5 dia. holes
Two, R1
13.6
5
13
2.54
3
21.5
6.2
(9.3)
6.2
6.95
7
3
3.8
(2.9)
2.1
0.7
0.6
0.3
2
2.6
15.5
0.8 0.1
Optical axis
Indicator window
3
2
4
1
EE-SX674/674P
EE-SX674A/674R
EE-SX474
Terminal Arrangement
* Pin 2 is not used for the EE-SX474.
(1)
Vcc
(2)
L
L*
(3)
OUT
OUTPUT
(4)
GND (0 V)
5
13.4
16.7
4
26
3
8.4
2.5
(R)
(R)
3.2
3.7
0.8
Optical axis
Sensing
window
Optical axis
Indicator window
2
13
19.5
0.3
0.7
6.3
6
10
6.35
2
3
1
4
16.7
13
2.54
22.2
9
6.2
3.8
EE-SX675/675P
Terminal Arrangement
(1)
Vcc
(2)
L
L
(3)
OUT
OUTPUT
(4)
GND (0 V)
Two, 3.5 dia. holes
2.5
5
8.4
3
3.8
2.5
6.35
13.2
0.8
9
7
0.3
3.3
2
0.7
13.6
7
2.54
3
2
4
1
13.7
7
13.4
9
22.2
6.2
Optical axis
Optical axis
Indicator window
Sensing
window
EE-SX676/676P
Terminal Arrangement
(1)
Vcc
(2)
L
L
(3)
OUT
OUTPUT
(4)
GND (0 V)
Two, 3.5 dia. holes
2.5
7
13.4
22.2
6.2
3.8
13.2
6.35
7
0.8
2
13.6
9
7
3.3
0.3
0.7
13.7
5
2.5
8.4
3
9
2.54
3
2
4
1
Optical axis
Optical axis
Indicator window
Sensing
window
EE-SX677/677P
Terminal Arrangement
(1)
Vcc
(2)
L
L
(3)
OUT
OUTPUT
(4)
GND (0 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com