Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE-1010-R 1M Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # EE-1010-R 1M
Description  Slot-type Photomicrosensor (Non-modulated)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-1010-R 1M Datasheet(HTML) 4 Page - Omron Electronics LLC

  EE-1010-R 1M Datasheet HTML 1Page - Omron Electronics LLC EE-1010-R 1M Datasheet HTML 2Page - Omron Electronics LLC EE-1010-R 1M Datasheet HTML 3Page - Omron Electronics LLC EE-1010-R 1M Datasheet HTML 4Page - Omron Electronics LLC EE-1010-R 1M Datasheet HTML 5Page - Omron Electronics LLC EE-1010-R 1M Datasheet HTML 6Page - Omron Electronics LLC EE-1010-R 1M Datasheet HTML 7Page - Omron Electronics LLC EE-1010-R 1M Datasheet HTML 8Page - Omron Electronics LLC EE-1010-R 1M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
EE-SX47/67
Engineering Data (Reference Value)
I/O Circuit Diagrams
NPN Output
*1. Do not connect the L terminal to 0 V when using dark-ON operation.
Sensing Position Characteristics
Sensing Position Characteristics
Repeated Sensing Position Characteristics
Model
Output
configuration
Timing charts
Terminal
connections
Output circuit
EE-SX67
@
EE-SX67
@-WR
Light-ON
Short-circuited
between
terminal and
positive
terminal
EE-SX67
@
EE-SX67
@A
EE-SX67
@-WR
Dark-ON
Open between
terminal and
positive
terminal
*1
EE-SX670A
EE-SX671A
EE-SX672A
EE-SX673A
EE-SX674A
Light-ON
Short-circuited
between
terminal and
positive
terminal
Dark-ON
Open between
terminal and
positive
terminal
*1
EE-SX470
EE-SX471
EE-SX472
EE-SX473
EE-SX474
Light-ON
---
Tr ON
Tr OFF
0
1.0
2.0
3.0
4.0
5.0
6.0
Distance d (mm)
Dark-ON
d
Tr ON
Tr OFF
0
1.0
2.0
3.0
4.0
5.0
6.0
Distance d (mm)
Dark-ON
d
d
OFF
ON
0
3.20
3.22
3.24
3.26
3.28
Distance d (mm)
Ta =
−25°C Ta = 55°C Ta = 25°C
Δd3
Δd1
Δd2
Δd4
Δd5
Vcc =12 V, No. of repetitions: 20,
Δd1 = 0.002 mm,
Δd2 = 0.004 mm, Δd3 = 0.005 mm, Δd4 = 0.02 mm,
Δd5 = 0.04 mm
Note: The data applies to dark status. Operation may
be affected by external light interference or light
coming through the sensing object.
Incident
Interrupted
ON
OFF
ON
OFF
Operates
Releases
Light indicator
(red)
Output
transistor
Load
(e.g., relay)
L
5 to
24 VDC
(Control output)
100 mA max.
Load
Main
circuit
L
OUT
IC
Light indicator
(red)
*The terminal arrangement depends on the model.
Check the dimensional diagrams.
*
5 to
24 VDC
(Control output)
100 mA max.
Load
Main
circuit
L
OUT
IC
Light indicator
(red)
*The terminal arrangement depends on the model.
Check the dimensional diagrams.
*
Incident
Interrupted
ON
OFF
ON
OFF
Operates
Releases
Light indicator
(red)
Output
transistor
Load
(e.g., relay)
L
Incident
Interrupted
ON
OFF
ON
OFF
Operates
Releases
Light indicator
(red)
Output
transistor
Load
(e.g., relay)
L
Incident
Interrupted
ON
OFF
ON
OFF
Operates
Releases
Light indicator
(red)
Output
transistor
Load
(e.g., relay)
L
Incident
Interrupted
ON
OFF
ON
OFF
Operates
Releases
Light indicator
(red)
Output
transistor
Load
(relay)
5 to
24 VDC
IC
OUT
Light indicator
(red)
Load
Main
circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com