Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE-1010-R 1M Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # EE-1010-R 1M
Description  Slot-type Photomicrosensor (Non-modulated)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-1010-R 1M Datasheet(HTML) 5 Page - Omron Electronics LLC

  EE-1010-R 1M Datasheet HTML 1Page - Omron Electronics LLC EE-1010-R 1M Datasheet HTML 2Page - Omron Electronics LLC EE-1010-R 1M Datasheet HTML 3Page - Omron Electronics LLC EE-1010-R 1M Datasheet HTML 4Page - Omron Electronics LLC EE-1010-R 1M Datasheet HTML 5Page - Omron Electronics LLC EE-1010-R 1M Datasheet HTML 6Page - Omron Electronics LLC EE-1010-R 1M Datasheet HTML 7Page - Omron Electronics LLC EE-1010-R 1M Datasheet HTML 8Page - Omron Electronics LLC EE-1010-R 1M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
EE-SX47/67
5
PNP Output
*1. Do not connect the L terminal to 0 V when using dark-ON operation.
Safety Precautions
Refer to Warranty and Limitations of Liability.
This product is not designed or rated for ensuring
safety of persons either directly or indirectly.
Do not use it for such purposes.
● Operating Environment
These Photomicrosensors have an IP50 (conforms to IEC) enclosure
and do not have a water-proof or dust-proof structure. Therefore, do
not use them in applications in which the sensor will be subjected to
splashes from water, oil, or any other liquid. Liquid entering the
Sensor may result in malfunction.
Make sure that this product is used within the rated ambient
environment conditions.
● Installation
• When direct soldering to the terminals, use the following guidelines.
Soldering Conditions
• The terminal base uses a polycarbonate resin, which could be deformed by
excessive soldering heat, resulting in damage to the product's functionality.
● Lot Number and Model Number Legend
In the following diagrams, 343U
indicates the lot number and factory
where the product was
manufactured. Do not include this
code with the model number when
ordering.
The QR code on connector models
is used by OMRON only.
Model
Output
configuration
Timing charts
Terminal
connections
Output circuit
EE-SX67
@P
EE-SX67
@P-WR
Light-ON
Short-circuited
between
terminal and
positive
terminal
Dark-ON
Open between
terminal and
positive
terminal
*1
EE-SX670R
EE-SX671R
EE-SX672R
EE-SX673R
EE-SX674R
Light-ON
Short-circuited
between
terminal and
positive
terminal
Dark-ON
Open between
terminal and
positive
terminal
*1
Incident
Interrupted
ON
OFF
ON
OFF
Operates
Releases
Light indicator
(red)
Output
transistor
Load
(relay)
L
5 to
24 VDC
Load
Main
circuit
L
OUT
IC
Light indicator
(red)
*
*The terminal arrangement depends on the model.
Check the dimensional diagrams.
Incident
Interrupted
ON
OFF
ON
OFF
Operates
Releases
Light indicator
(red)
Output
transistor
Load
(relay)
L
Incident
Interrupted
ON
OFF
ON
OFF
Operates
Releases
Light indicator
(red)
Output
transistor
Load
(e.g., relay)
L
Incident
Interrupted
ON
OFF
ON
OFF
Operates
Releases
Light indicator
(red)
Output
transistor
Load
(e.g., relay)
L
WARNING
Precautions for Safe Use
Precautions for Correct Use
Item
Temper-
ature
Permissible
time
Remarks
Soldering
iron
350°C
max.
3 s max.
The portion between the base of the
terminals and the position 1.5 mm from
the terminal base must not be soldered.
Lot number and factory code
Model number
EE-SX670
343U
EE-SX
@70@



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com