Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE-1010-R 1M Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # EE-1010-R 1M
Description  Slot-type Photomicrosensor (Non-modulated)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-1010-R 1M Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button EE-1010-R 1M Datasheet HTML 4Page - Omron Electronics LLC EE-1010-R 1M Datasheet HTML 5Page - Omron Electronics LLC EE-1010-R 1M Datasheet HTML 6Page - Omron Electronics LLC EE-1010-R 1M Datasheet HTML 7Page - Omron Electronics LLC EE-1010-R 1M Datasheet HTML 8Page - Omron Electronics LLC EE-1010-R 1M Datasheet HTML 9Page - Omron Electronics LLC EE-1010-R 1M Datasheet HTML 10Page - Omron Electronics LLC EE-1010-R 1M Datasheet HTML 11Page - Omron Electronics LLC EE-1010-R 1M Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
EE-SX47/67
9
EE-SX674-WR/674P-WR
Terminal Arrangement
Brown
Vcc
Pink
L
Blue
GND(0V)
Black
OUTPUT
7
3.5 dia.
7
R1
25.7
6.95
3
3
2
13.6
5
(2.9)
9
6.2
4.6 dia.
2.8
2
0.8
2.6
15.5
7
Optical axis
Optical axis
Indicator window
Robot cable of 2.8 dia., 4 cores,
(0.15 mm2 with 0.8 mm dia. insulator);
Standard length: 1 m
Sensing
window
2
3.7
(R)
(R)
6
3.2
13
10.3
2
19.5
16.7
13.4
4.6 dia.
3
26.2 8.4
9
2.5
13.4
5
10
4
6.35 26
0.8
Optical axis
Optical axis
Indicator window
Robot cable of 2.8 dia., 4 cores,
(0.15 mm2 with 0.8 mm dia. insulator);
Standard length: 1 m
Sensing
window
EE-SX675-WR/675P-WR
Terminal Arrangement
Brown
Vcc
Pink
L
Blue
GND(0V)
Black
OUTPUT
3
4.6 dia.
2.5
8.4
2
26.2
9
13.4
5
13.7
7
6.4
13.2
7
2
0.8
9
7
13
3.3
3.5 dia.
2.5
4
Optical axis
Optical axis
Indicator window
Robot cable of 2.8 dia., 4 cores,
(0.15 mm2 with 0.8 mm dia. insulator);
Standard length: 1 m
Sensing
window
EE-SX676-WR/676P-WR
Terminal Arrangement
Brown
Vcc
Pink
L
Blue
GND(0V)
Black
OUTPUT
3.3
4
7
9
7
6.4
13.2
13
3.5
2
26.2
8.4
2.5
9
13.4
5
13.7
7
2.5
3
4.6 dia.
2
0.8
Optical axis
Optical axis
Indicator window
Robot cable of 2.8 dia., 4 cores,
(0.15 mm2 with 0.8 mm dia. insulator);
Standard length: 1 m
Sensing
window
EE-SX677-WR/677P-WR
Terminal Arrangement
Brown
Vcc
Pink
L
Blue
GND(0V)
Black
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com