Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XHS35F-87-R1-SS-EPROGA Datasheet(PDF) 6 Page - Sensata Technologies, Inc.

Part # XHS35F-87-R1-SS-EPROGA
Description  3,5” BLIND - HOLLOW SHAFT INCREMENTAL ENCODERS - ORDINARY & HAZARDOUS LOCATIONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

XHS35F-87-R1-SS-EPROGA Datasheet(HTML) 6 Page - Sensata Technologies, Inc.

  XHS35F-87-R1-SS-EPROGA Datasheet HTML 1Page - Sensata Technologies, Inc. XHS35F-87-R1-SS-EPROGA Datasheet HTML 2Page - Sensata Technologies, Inc. XHS35F-87-R1-SS-EPROGA Datasheet HTML 3Page - Sensata Technologies, Inc. XHS35F-87-R1-SS-EPROGA Datasheet HTML 4Page - Sensata Technologies, Inc. XHS35F-87-R1-SS-EPROGA Datasheet HTML 5Page - Sensata Technologies, Inc. XHS35F-87-R1-SS-EPROGA Datasheet HTML 6Page - Sensata Technologies, Inc. XHS35F-87-R1-SS-EPROGA Datasheet HTML 7Page - Sensata Technologies, Inc. XHS35F-87-R1-SS-EPROGA Datasheet HTML 8Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Page 6
Copyright © 2024 Sensata Technologies, Inc.
www.sensata.com
Encoder
X: Express Encoder
Blank: Standard Leadtime
Type
HS35: Hollow Shaft, 3,5”
Encoder Diameter
Housing Configuration
F: Standard
Shaft Bore
100: 1.00”
87: 0.875”
75: 0.75”
62: 0.625”
50: 0.50” etc.
Metric bores available
Tether
R1: Tether Block and Pin
R2: Tether Arm
Others tether configurations available
Shaft Seal Configuration
SS: Through Shaft, Rubber Seals
BS: Blind Shaft, Rubber Seal
FS: Through Shaft, Felt Seals (option not available with Haz loc rating)
Cycles per Turn
(Enter Cycles) Standard/Low/High resolutions and Multiplier programmable.
See available resolutions in “Resolutions” section.
EPROG: Full programmable 1-10kppr (standard index tracks configurations).
XPROG: Full programmable 1-10kppr (alternate index tracks configurations).
No. of Channels
A: Single Channel
AB: Dual Quad.Channel
ABZ: Dual with Index
AZ: Single with Index
Complements
C: Complementary Outputs
Blank: No Cable
Voltage / Output
Ord. loc + Non-incendive
15/V = 5–15 Vin/out
28/V = 5–28Vin/out
28/5 = 5–28Vin/5Vout
28/O = 5–28Vin/OCout
Intrinsically safe
5/V = 5 Vin/out
5/O = 5 Vin/OCout
9/V= 8-12 Vin/out
9/O= 8-12 Vin/OCout
Output Termination
SM12: MS3112E12-10P
SM16: MS3102R16S-1P
SM18: MS3102R18-1P
SCS: Shielded/Jacketed Cable with Cable Seal. Length of Cable is specified in inches. (i.e. SCS18 = 18 inches)
(Indicate “S” for single or “D” for Dual (i.e. DM18 = Dual). Dual option not available with Intrinsically Safe rating)
(See Connections Section)
Hazardous Area Ratings
Blank: None
EX: Intrinsically Safe
NI: Non-Incendive
Contact factory for voltage options
Special Features
S: Special Features specified on Purchase Order.
–S at the end of the model number is used to define a variety of non-standard features such as hard anodization, special shaft lengths, voltage options, or special testing. Please
consult the factory to discuss your special requirements.
ORDERING OPTIONS
HS35
F
100
2048
R1
C
ABZ
SS
28/V
S
X
SM18
Items highlighted with this are standard Express Encoders and ship in few days. in North America



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com