Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XHS35F-87-R1-SS-EPROGA Datasheet(PDF) 7 Page - Sensata Technologies, Inc.

Part # XHS35F-87-R1-SS-EPROGA
Description  3,5” BLIND - HOLLOW SHAFT INCREMENTAL ENCODERS - ORDINARY & HAZARDOUS LOCATIONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

XHS35F-87-R1-SS-EPROGA Datasheet(HTML) 7 Page - Sensata Technologies, Inc.

  XHS35F-87-R1-SS-EPROGA Datasheet HTML 1Page - Sensata Technologies, Inc. XHS35F-87-R1-SS-EPROGA Datasheet HTML 2Page - Sensata Technologies, Inc. XHS35F-87-R1-SS-EPROGA Datasheet HTML 3Page - Sensata Technologies, Inc. XHS35F-87-R1-SS-EPROGA Datasheet HTML 4Page - Sensata Technologies, Inc. XHS35F-87-R1-SS-EPROGA Datasheet HTML 5Page - Sensata Technologies, Inc. XHS35F-87-R1-SS-EPROGA Datasheet HTML 6Page - Sensata Technologies, Inc. XHS35F-87-R1-SS-EPROGA Datasheet HTML 7Page - Sensata Technologies, Inc. XHS35F-87-R1-SS-EPROGA Datasheet HTML 8Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Page 7
Copyright © 2024 Sensata Technologies, Inc.
www.sensata.com
AGENCY APPROVALS & CERTIFICATIONS
Harardous Area Ratings
Agency
Ratings and Markings
File Number
Blank
CE
EN 55011: Electromagnetic Disturbance (EMI)
EN 61000-6-2: Electromagnetic Compatibility (EMC)
-
EX
Intrinsically Safe
UL
Class I, Groups A, B, C, D
Class II, Groups E, F, G
E78446
DEMKO
Ex II 1 G
Ex ia IIC T4 Ga
(9V/O is II 1 G Ex ia IIB T4 Ga)
DEMKO 24 ATEX Pending
IEC/IECEx
Ex ia IIC T4 Ga
(9V/O is Ex ia IIB T4 Ga)
-40°C ≤ Ta ≤ +85°C
IECEx UL Pending
NI
Non-Incendive
UL
Class I, Div. 2, Groups A, B, C, D
Class II, Div. 2, Groups F, G
E78446
DEMKO
Ex II 3 G
Ex ec IIC T3 Gc
DEMKO 24 ATEX Pending
IEC/IECEx
Ex ec IIC T3 Gc
-40°C ≤ Ta ≤ +85°C
IECEx UL Pending



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com