Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XHS35F-87-R1-SS-EPROGA Datasheet(PDF) 8 Page - Sensata Technologies, Inc.

Part # XHS35F-87-R1-SS-EPROGA
Description  3,5” BLIND - HOLLOW SHAFT INCREMENTAL ENCODERS - ORDINARY & HAZARDOUS LOCATIONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

XHS35F-87-R1-SS-EPROGA Datasheet(HTML) 8 Page - Sensata Technologies, Inc.

  XHS35F-87-R1-SS-EPROGA Datasheet HTML 1Page - Sensata Technologies, Inc. XHS35F-87-R1-SS-EPROGA Datasheet HTML 2Page - Sensata Technologies, Inc. XHS35F-87-R1-SS-EPROGA Datasheet HTML 3Page - Sensata Technologies, Inc. XHS35F-87-R1-SS-EPROGA Datasheet HTML 4Page - Sensata Technologies, Inc. XHS35F-87-R1-SS-EPROGA Datasheet HTML 5Page - Sensata Technologies, Inc. XHS35F-87-R1-SS-EPROGA Datasheet HTML 6Page - Sensata Technologies, Inc. XHS35F-87-R1-SS-EPROGA Datasheet HTML 7Page - Sensata Technologies, Inc. XHS35F-87-R1-SS-EPROGA Datasheet HTML 8Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Page 8
www.sensata.com
CONTACT US
Americas
+1 (800) 350 2727 – Option 1
sales.beisensors@sensata.com
Europe, Middle East & Africa
+33 (3) 88 20 8080
position-info.eu@sensata.com
Asia Pacific
sales.isasia@list.sensata.com
China +86 (21) 2306 1500
Japan +81 (45) 277 7117
Korea +82 (31) 601 2004
India +91 (80) 67920890
Rest of Asia +886 (2) 27602006
ext 2808
Copyright © 2024 Sensata Technologies, Inc.
Datasheets provided by Sensata Technologies, Inc., its subsidiaries and/or affiliates (“Sensata”) are solely intended to assist third parties (“Buyers”) who are developing
systems that incorporate Sensata products (also referred to herein as “components”). Buyer understands and agrees that Buyer remains responsible for using its independent
analysis, valuation, and judgment in designing Buyer’s systems and products. Sensata datasheets have been created using standard laboratory conditions and engineering
practices. Sensata has not conducted any testing other than that specifically described in the published documentation for a particular datasheet. Sensata may make corrections,
enhancements, improvements, and other changes to its datasheets or components without notice.
Buyers are authorized to use Sensata datasheets with the Sensata component(s) identified in each particular datasheet. HOWEVER, NO OTHER LICENSE, EXPRESS OR IMPLIED,
BY ESTOPPEL OR OTHERWISE TO ANY OTHER SENSATA INTELLECTUAL PROPERTY RIGHT, AND NO LICENSE TO ANY THIRD PARTY TECHNOLOGY OR INTELLECTUAL PROPERTY
RIGHT, IS GRANTED HEREIN. SENSATA DATASHEETS ARE PROVIDED “AS IS”. SENSATA MAKES NO WARRANTIES OR REPRESENTATIONS WITH REGARD TO THE DATASHEETS
OR USE OF THE DATASHEETS, EXPRESS, IMPLIED, OR STATUTORY, INCLUDING ACCURACY OR COMPLETENESS. SENSATA DISCLAIMS ANY WARRANTY OF TITLE AND ANY
IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, QUIET ENJOYMENT, QUIET POSSESSION, AND NON-INFRINGEMENT OF ANY THIRD
PARTY INTELLECTUAL PROPERTY RIGHTS WITH REGARD TO SENSATA DATASHEETS OR USE THEREOF.
All products are sold subject to Sensata’s terms and conditions of sale supplied at www.sensata.com SENSATA ASSUMES NO LIABILITY FOR APPLICATIONS ASSISTANCE OR THE
DESIGN OF BUYERS’ PRODUCTS. BUYER ACKNOWLEDGES AND AGREES THAT IT IS SOLELY RESPONSIBLE FOR COMPLIANCE WITH ALL LEGAL, REGULATORY, AND SAFETY-
RELATED REQUIREMENTS CONCERNING ITS PRODUCTS, AND ANY USE OF SENSATA COMPONENTS IN ITS APPLICATIONS, NOTWITHSTANDING ANY APPLICATIONS-RELATED
INFORMATION OR SUPPORT THAT MAY BE PROVIDED BY SENSATA.
Mailing Address: Sensata Technologies, Inc., 529 Pleasant Street, Attleboro, MA 02703, USA.
REV: 06/03/25
Description
Part Number
Protection Cover
kit
Hardware included
Toute copie et divulgation mêmes partielles sont RESERVEES et INTERDITES - copy and divulgation even partially are reserved and forbidden
Désignation / Title :
Référence / Part number :
Tolérances générales /
General tolerances :
Matière / Material :
Type de plan / Drawing classification :
Plan / drawing :
Echelle / scale :
Revision :
Etabli par / drawn by :
Espace Européen de l'Entreprise 9, rue de Copenhague
BP 70044 SCHILTIGHEIM 67013 STRASBOURG CEDEX
tel : +33 (0)3 88 20 81 00 - @ : www.sensata.com
1/1
A
Plan de Définition
Dossier / File :
-
Approuvé / Approved :
Dimensions
Angles
+/-0.5°
Première émission / First release
Creation :
+/-0.1mm
-
-
Modifications :
-
23145-002 = Protective cover, pilot dia. 6.38”, without fasteners
26068-001 = Protective cover, pilot dia. 6.58”, with fasteners
Reduction sleeve
Toute copie et divulgation mêmes partielles sont RESERVEES et INTERDITES - copy and divulgation even partially are reserved and forbidden
Désignation / Title :
Référence / Part number :
Tolérances générales /
General tolerances :
Matière / Material :
Type de plan / Drawing classification :
Plan / drawing :
Echelle / scale :
Revision :
Etabli par / drawn by :
Espace Européen de l'Entreprise 9, rue de Copenhague
BP 70044 SCHILTIGHEIM 67013 STRASBOURG CEDEX
tel : +33 (0)3 88 20 81 00 - @ : www.sensata.com
1/1
A
Plan de Définition
Dossier / File :
-
Approuvé / Approved :
Dimensions
Angles
+/-0.5°
Première émission / First release
Creation :
+/-0.1mm
-
-
Modifications :
-
Imperial sizes shaft bore, PEEK (1)
9434/E8 = 1”
9434/E7 = 0.875”
9434/E6 = 0.75”
9434/E5 = 0.625”
9434/E4 = 0.5”
(1)
Except 9434/E8: GF Polycarbonate
Metric sizes shaft bore, PEEK
9434/I25 = 25mm
9434/I20 = 20mm
9434/I15 = 15mm
9434/I12 = 12mm
R1 Tether Block
and Pin
Hardware included
Toute copie et divulgation mêmes partielles sont RESERVEES et INTERDITES - copy and divulgation even partially are reserved and forbidden
Désignation / Title :
Référence / Part number :
Tolérances générales /
General tolerances :
Matière / Material :
Type de plan / Drawing classification :
Plan / drawing :
Echelle / scale :
Revision :
Etabli par / drawn by :
Espace Européen de l'Entreprise 9, rue de Copenhague
BP 70044 SCHILTIGHEIM 67013 STRASBOURG CEDEX
tel : +33 (0)3 88 20 81 00 - @ : www.sensata.com
1/1
A
Plan de Définition
Dossier / File :
-
Approuvé / Approved :
Dimensions
Angles
+/-0.5°
Première émission / First release
Creation :
+/-0.1mm
-
-
Modifications :
-
31215-003 = 382323-001 Tether block + dia. 0.25” x lg. 0.75” pin (cap screw 10-32 UNF x 5/8 included)
31215-006 = 382323-001 Tether block + dia. 0.25” x lg. 0.75” pin + Collet clamp (cap screw 10-32 UNF x 5/8 included)
Tether arm kit
Hardware included
Toute copie et divulgation mêmes partielles sont RESERVEES et INTERDITES - copy and divulgation even partially are reserved and forbidden
Désignation / Title :
Référence / Part number :
Tolérances générales /
General tolerances :
Matière / Material :
Type de plan / Drawing classification :
Plan / drawing :
Echelle / scale :
Revision :
Etabli par / drawn by :
Espace Européen de l'Entreprise 9, rue de Copenhague
BP 70044 SCHILTIGHEIM 67013 STRASBOURG CEDEX
tel : +33 (0)3 88 20 81 00 - @ : www.sensata.com
1/1
A
Plan de Définition
Dossier / File :
-
Approuvé / Approved :
Dimensions
Angles
+/-0.5°
Première émission / First release
Creation :
+/-0.1mm
-
-
Modifications :
-
31187-016 = R2 tether kit
31187-012 = R11 tether kit
31187-015 = R14 tether kit
Other stator coupling configurations available on request
Connector Mates
MS3106F18-1S = Mates to standard M18 style, 10pin conn.
MS3106F16S-1S = Mates to standard M16 style, 7pin conn.
MS3106F14S-6S = Mates to standard M14 style, 6pin conn.
MS3116F12-10S = Mates to standard M12 style, 10pin conn.
Connector Cable
Assemblies
31186-1810 = M18, 10pin, 10 ft length
31186-1820 = M18, 10pin, 20 ft length
31186-1850 = M18, 10pin, 50 ft length
31186-1610 = M16, 7pin, 10 ft length
31186-1620 = M16, 7pin, 20 ft length
31186-1650 = M16, 7pin, 50 ft length
31186-1410 = M14, 6pin, 10 ft length
31186-1420 = M14, 6pin, 20 ft length
31186-1450 = M14, 6pin, 50 ft length
31186-1210 = M12, 10pin, 10 ft length
31186-1220 = M12, 10pin, 20 ft length
31186-1250 = M12, 10pin, 50 ft length
Electronic Modules
60001-010 = Opto isolator
60011-001 = Broadcaster
60002-000 = Encoder tester
*There are many options for Electronic modules, consult factory for help selecting the best one for your application
Intrinsic Safety
Barrier
This galvanically isolated barrier provides both power and signal isolation for an incremental encoder. With differential line driver
outputs, it can carry signals up to 500 feet with a bandwidth of up to 250 kHz. For detailed ordering options, refer to accesory
specification sheet.
ACCESSORIES



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com