Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XHS35F-87-R1-SS-EPROGA Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # XHS35F-87-R1-SS-EPROGA
Description  3,5” BLIND - HOLLOW SHAFT INCREMENTAL ENCODERS - ORDINARY & HAZARDOUS LOCATIONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

XHS35F-87-R1-SS-EPROGA Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  XHS35F-87-R1-SS-EPROGA Datasheet HTML 1Page - Sensata Technologies, Inc. XHS35F-87-R1-SS-EPROGA Datasheet HTML 2Page - Sensata Technologies, Inc. XHS35F-87-R1-SS-EPROGA Datasheet HTML 3Page - Sensata Technologies, Inc. XHS35F-87-R1-SS-EPROGA Datasheet HTML 4Page - Sensata Technologies, Inc. XHS35F-87-R1-SS-EPROGA Datasheet HTML 5Page - Sensata Technologies, Inc. XHS35F-87-R1-SS-EPROGA Datasheet HTML 6Page - Sensata Technologies, Inc. XHS35F-87-R1-SS-EPROGA Datasheet HTML 7Page - Sensata Technologies, Inc. XHS35F-87-R1-SS-EPROGA Datasheet HTML 8Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Page 2
Copyright © 2024 Sensata Technologies, Inc.
www.sensata.com
Certification
CENELEC
Classification
Electronic
Output
Signals
(4) (5)
Operating
Voltage
+V
Supply
Current
(no loads)
Current
per
Channel
Short
Circuit
Proof
Overvoltage
protection
Reverse
Polarity
Tolerant
Frequency
Capability
Resolutions
category (1)
Operating
Temperature
Range (2) (3)
Ordinary
Location
+
Non-
Incendive
Ex ec IIC T4 Gc
Ex ec IIC T3 Gc
28/V
HTL
4,75-30V
<75mA
<40mA
Yes
Up to 33V
Yes
Up to 1MHz
Standard
-40°C.. +100°C
Low
High
-40°C.. +80°C
28/X
HTL / TTL
selectable
4,75-30V
<75mA
<40mA
HTL: refer
RG5
TTL: refer
RG2
Up to 33V
Yes
Up to 1MHz
Full
Programmable
-40°C.. +100°C
Multiplier
Programmable
-40°C.. +80°C
15/V
HTL
9-16V
<75mA
<40mA
Yes
Up to 18V
Yes
Up to 300kHz
Standard
-40°C.. +100°C
Low
28/O
Open
Collector
4,75-30V
<75mA
<40mA
Yes
Up to 33V
Yes
Up to 300kHz
Standard
-40°C.. +100°C
Low
High
-40°C.. +80°C
28/5
TTL
4,75-30V
<75mA
<40mA
Yes
(Except to
+V)
Up to 33V
Yes
Up to 1MHz
Standard
-40°C.. +100°C
Low
High
-40°C.. +80°C
Intrinsically
safe
Ex ia IIC
5/V
TTL
4,5-6V
<75mA
<40mA
Yes
Up to 6,8V
Yes
Up to 1MHz
Standard
-40°C.. +80°C
Low
High
5/O(6)
Open
Collector
4,5-6V
<75mA
<40mA
Yes
Up to 6,8V
Yes
Up to 300kHz
Standard
-40°C.. +80°C
Low
High
Ex ia IIB
9/V
HTL
8-12V
<75mA
<40mA
Yes
Up to 16V
Yes
Up to 1MHz
Standard
-40°C.. +80°C
Low
High
9/O(6)
Open
Collector
8-12V
<75mA
<40mA
Yes
Up to 16V
Yes
Up to 300kHz
Standard
-40°C.. +80°C
Low
High
Electrical
(1)
See resolutions section for details.
(2)
Surface encoder temperature
(3)
UL Listed: -20°C +80°C. Device must be supplied by a Class 2, LPS or SELV limited energy source 250mA.
(4)
Complementary outputs are recommended for use with line driver type (source/sink) outputs. When used with differential receivers, this combination
provides a high degree of noise immunity.
(5)
Output IC’s are available as either Line Driver or NPN Open Collector types. Open Collectors require external pull-up resistors, resulting in higher output source impedance (sink
impedance is similar to that of line drivers). In general, use of a Line Driver style output is recommended.
Line Drivers source or sink current and their lower impedance mean better noise immunity and faster switching times.
Warning: Do not connect any line driver outputs permanently to 0V,+V or to any other signal. This may overtime damage the driver. Unused outputs should be isolated and left floating.
Our applications specialists would be pleased to discuss your system requirements and the compatibility of your receiving electronics with Line Driver type outputs.
-28/V: Line Driver (HTL): this is the recommended replacement for 3904R and 7406R open collector outputs with internal pullup resistors.
It is also a direct replacement for any 4469, 88C30, 8830 or 26LS31 line driver.
Important to note : this driver is TTL compatible when used with 5 volt supply.
-28/5: Line Driver (TTL): this low power but efficient driver, powered at 24V is ideal for long cables and high frequencies.
-28/O: NPN Open Collector (OC) : this replaces prior IC’s with designations of 3904, 7406, 3302, 681 and 689.
Outputs require external pull-up resistors and may be pulled up to voltage other than supply voltage (30V max).
-5/OCR, 15/OCR, 24/OCR: Open Collector are often replaced by the 28/V in system upgrades. Consult factory.
(6)
- Output IC’s NPN Open Collector are also available with internal 2,7K ohm pull-up resistors : 5/OCR or 9/OCR



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com