Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCR3DM285A Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TCR3DM285A
Description  TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR3DM285A Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TCR3DM285A Datasheet HTML 1Page - Toshiba Semiconductor TCR3DM285A Datasheet HTML 2Page - Toshiba Semiconductor TCR3DM285A Datasheet HTML 3Page - Toshiba Semiconductor TCR3DM285A Datasheet HTML 4Page - Toshiba Semiconductor TCR3DM285A Datasheet HTML 5Page - Toshiba Semiconductor TCR3DM285A Datasheet HTML 6Page - Toshiba Semiconductor TCR3DM285A Datasheet HTML 7Page - Toshiba Semiconductor TCR3DM285A Datasheet HTML 8Page - Toshiba Semiconductor TCR3DM285A Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TCR3DMxxA series
2024-10-28
Rev.5.0
© 2023-2024
Toshiba Electronic Devices & Storage Corporation
3
7.
List of Products Number, Output voltage and Marking
* Please contact your local Toshiba representative if you are interested in products with * sign.
Top Marking (Top view)
Example: TCR3DM33A (3.3 V output)
Product No.
Output voltage (V)
Marking
Product No.
Output voltage (V)
Marking
TCR3DM10A
1.0
1P0
TCR3DM26A*
2.6
2P6
TCR3DM105A
1.05
1PA
TCR3DM27A*
2.7
2P7
TCR3DM11A
1.1
1P1
TCR3DM28A
2.8
2P8
TCR3DM115A*
1.15
1PB
TCR3DM285A*
2.85
2PD
TCR3DM12A
1.2
1P2
TCR3DM29A*
2.9
2P9
TCR3DM13A*
1.3
1P3
TCR3DM2925A*
2.925
2PH
TCR3DM135A*
1.35
1PD
TCR3DM30A*
3.0
3P0
TCR3DM14A*
1.4
1P4
TCR3DM31A*
3.1
3P1
TCR3DM15A
1.5
1P5
TCR3DM32A*
3.2
3P2
TCR3DM16A*
1.6
1P6
TCR3DM33A
3.3
3P3
TCR3DM175A*
1.75
1PE
TCR3DM35A*
3.5
3P5
TCR3DM18A
1.8
1P8
TCR3DM36A*
3.6
3P6
TCR3DM1825A*
1.825
1PF
TCR3DM41A*
4.1
4P1
TCR3DM185A*
1.85
1PG
TCR3DM42A*
4.2
4P2
TCR3DM19A*
1.9
1P9
TCR3DM45A
4.5
4P5
TCR3DM25A
2.5
2P5
―
―
―
3P3
INDEX
Lot code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com