Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCR3DM285A Datasheet(PDF) 16 Page - Toshiba Semiconductor

Part # TCR3DM285A
Description  TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR3DM285A Datasheet(HTML) 16 Page - Toshiba Semiconductor

Back Button TCR3DM285A Datasheet HTML 12Page - Toshiba Semiconductor TCR3DM285A Datasheet HTML 13Page - Toshiba Semiconductor TCR3DM285A Datasheet HTML 14Page - Toshiba Semiconductor TCR3DM285A Datasheet HTML 15Page - Toshiba Semiconductor TCR3DM285A Datasheet HTML 16Page - Toshiba Semiconductor TCR3DM285A Datasheet HTML 17Page - Toshiba Semiconductor TCR3DM285A Datasheet HTML 18Page - Toshiba Semiconductor TCR3DM285A Datasheet HTML 19Page - Toshiba Semiconductor TCR3DM285A Datasheet HTML 20Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
TCR3DMxxA series
2024-10-28
Rev.5.0
© 2023-2024
Toshiba Electronic Devices & Storage Corporation
16
12.8.
tON / tOFF Response
(CIN = 1.0 μF, COUT = 1.0 μF, VIN = VOUT + 1.0 V, VCT = 0 V ⇔ 1.0 V, Ta = 25°C)
⚫
IOUT = 0 mA
VOUT = 1.0 V
VOUT = 2.5 V
VOUT = 4.5 V
Note: The above characteristics curves are presented for reference only and not guaranteed by
production test, unless otherwise noted.
VOUT: 500 mV/div
IIN: 500 mA/div
20 µs/div
VCT: 1 V/div
VOUT: 500 mV/div
IIN: 500 mA/div
20 µs/div
VCT: 1 V/div
VOUT: 2 V/div
IIN: 500 mA/div
50 µs/div
VCT: 1 V/div
VOUT: 2 V/div
IIN: 500 mA/div
50 µs/div
VCT: 1 V/div
VOUT: 1 V/div
IIN: 500 mA/div
20 µs/div
VCT: 1 V/div
VOUT: 1 V/div
IIN: 500 mA/div
20 µs/div
VCT: 1 V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com