Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCR3DM285A Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TCR3DM285A
Description  TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR3DM285A Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TCR3DM285A Datasheet HTML 2Page - Toshiba Semiconductor TCR3DM285A Datasheet HTML 3Page - Toshiba Semiconductor TCR3DM285A Datasheet HTML 4Page - Toshiba Semiconductor TCR3DM285A Datasheet HTML 5Page - Toshiba Semiconductor TCR3DM285A Datasheet HTML 6Page - Toshiba Semiconductor TCR3DM285A Datasheet HTML 7Page - Toshiba Semiconductor TCR3DM285A Datasheet HTML 8Page - Toshiba Semiconductor TCR3DM285A Datasheet HTML 9Page - Toshiba Semiconductor TCR3DM285A Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TCR3DMxxA series
2024-10-28
Rev.5.0
© 2023-2024
Toshiba Electronic Devices & Storage Corporation
6
10.
Drop-out voltage table
(IOUT = 300 mA, CIN = 1.0 μF, COUT = 1.0 μF)
Output voltages
Symbol
Tj = 25 °C
Tj = -40 to 85 °C
(Note 10)
Unit
Min
Typ.
Max
Min
Max
1.0 V, 1.05 V
VIN-VOUT
―
642
738
―
790
mV
1.1 V, 1.15 V
―
566
666
―
716
1.2 V
―
500
592
―
644
1.3 V
―
456
535
―
590
1.35V, 1.4 V
―
434
506
―
563
1.5 V ≤ VOUT < 1.8 V
―
367
419
―
481
1.8 V ≤ VOUT < 1.9 V
―
297
335
―
389
1.9 V ≤ VOUT < 2.5 V
―
277
309
―
365
2.5 V ≤ VOUT < 2.8 V
―
216
262
―
296
2.8 V ≤ VOUT < 3.2 V
―
196
233
―
268
3.2 V ≤ VOUT < 3.6 V
―
179
211
―
247
3.6 V ≤ VOUT ≤ 4.5 V
―
168
199
―
240
Note 10: This parameter is guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com