Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCR3DM285A Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TCR3DM285A
Description  TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR3DM285A Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TCR3DM285A Datasheet HTML 1Page - Toshiba Semiconductor TCR3DM285A Datasheet HTML 2Page - Toshiba Semiconductor TCR3DM285A Datasheet HTML 3Page - Toshiba Semiconductor TCR3DM285A Datasheet HTML 4Page - Toshiba Semiconductor TCR3DM285A Datasheet HTML 5Page - Toshiba Semiconductor TCR3DM285A Datasheet HTML 6Page - Toshiba Semiconductor TCR3DM285A Datasheet HTML 7Page - Toshiba Semiconductor TCR3DM285A Datasheet HTML 8Page - Toshiba Semiconductor TCR3DM285A Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TCR3DMxxA series
2024-10-28
Rev.5.0
© 2023-2024
Toshiba Electronic Devices & Storage Corporation
1
TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
TCR3DMxxA series
300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
1.
Description
The TCR3DMxxA series are CMOS general-purpose single-output
voltage regulators with an on/off control input, featuring low dropout
voltage, low output noise voltage, fast load transient response and
low inrush current.
These voltage regulators are available in fixed output voltages
between 1.0 V and 4.5 V and capable of driving up to 300 mA. They
feature Overcurrent protection, Thermal shutdown, Inrush current
protection circuit and Auto-discharge.
The TCR3DMxxA series is offered in the ultra small plastic mold
package DFN4D (1.0 mm x 1.0 mm; t 0.37 mm (typ.)) and has a low
dropout voltage of 216 mV (2.5 V output, IOUT = 300 mA) with low
output noise voltage of 38 μVrms (2.5 V output). As small ceramic
input and output capacitors 1.0 μF can be used with the TCR3DMxxA
series, these devices are ideal for portable applications that require
high-density board assembly such as cellular phones.
2.
Applications
Power IC developed for portable applications
3.
Features
• Ultra small package DFN4D (1.0 mm x 1.0 mm; t 0.37 mm (typ.))
• Wide range output voltage line up (VOUT = 1.0 to 4.5 V)
• Low dropout voltage
VDO = 175 mV (typ.) at 3.3 V output, IOUT = 300 mA
VDO = 216 mV (typ.) at 2.5 V output, IOUT = 300 mA
VDO = 297 mV (typ.) at 1.8 V output, IOUT = 300 mA
• Low output noise voltage (VNO = 38 μVrms (typ.) at 10Hz ≤ f ≤ 100kHz)
• High ripple rejection ratio (72 dB (typ.) at 2.5 V output, IOUT = 10 mA, f = 1 kHz)
• Fast load transient response (±80 mV (typ.) at 2.5 V output, IOUT = 1 mA ⇔ 300 mA)
• Overcurrent protection
• Thermal shutdown
• Inrush current protection circuit
• Auto-discharge
• Pull down connection between CONTROL and GND
• Ceramic capacitors can be used (CIN = 1.0 μF, COUT = 1.0 μF)
DFN4D
Weight: 1.1 mg (typ.)
Start of commercial production
2023-11


Similar Part No. - TCR3DM285A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR3DM285 TOSHIBA-TCR3DM285 Datasheet
460Kb / 14P
300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2017-06-20
More results

Similar Description - TCR3DM285A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2028F TOSHIBA-TA2028F Datasheet
495Kb / 8P
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA6042FNG TOSHIBA-TA6042FNG Datasheet
328Kb / 10P
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TC75S201L6X TOSHIBA-TC75S201L6X Datasheet
229Kb / 7P
TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
TA4019F TOSHIBA-TA4019F Datasheet
157Kb / 7P
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TCK106AF TOSHIBA-TCK106AF Datasheet
585Kb / 12P
TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
TC78B002FNG TOSHIBA-TC78B002FNG Datasheet
945Kb / 27P
TOSHIBA CMOS Integrated Circuit Silicon Monolithic
2013-10-17
TB9051FTG TOSHIBA-TB9051FTG Datasheet
1Mb / 49P
Toshiba Bi-CMOS Linear Integrated Circuit Silicon Monolithic
Ver.1.1 2019-03-14
TB9101FNG TOSHIBA-TB9101FNG Datasheet
612Kb / 16P
TOSHIBA Bi-CMOS Linear Integrated Circuit Silicon Monolithic
2019-2-25
TB9102FNG TOSHIBA-TB9102FNG Datasheet
1Mb / 30P
TOSHIBA Bi-CMOS Linear Integrated Circuit Silicon Monolithic
2019-2-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com