Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM331 Datasheet(PDF) 2 Page - SYC Electronica

Part # LM331
Description  Precision Voltage-to-Frequency Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

LM331 Datasheet(HTML) 2 Page - SYC Electronica

  LM331 Datasheet HTML 1Page - SYC Electronica LM331 Datasheet HTML 2Page - SYC Electronica LM331 Datasheet HTML 3Page - SYC Electronica LM331 Datasheet HTML 4Page - SYC Electronica LM331 Datasheet HTML 5Page - SYC Electronica LM331 Datasheet HTML 6Page - SYC Electronica LM331 Datasheet HTML 7Page - SYC Electronica LM331 Datasheet HTML 8Page - SYC Electronica LM331 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Absolute Maximum Ratings
(Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage, V
S
40V
Output Short Circuit to Ground
Continuous
Output Short Circuit to V
CC
Continuous
Input Voltage
−0.2V to +V
S
Package Dissipation at 25˚C
1.25W (Note 3)
Lead Temperature (Soldering, 10 sec.)
Dual-In-Line Package (Plastic)
260˚C
ESD Susceptibility (Note 5)
500V
Operating Ratings (Note 2)
Operating Ambient Temperature
LM231, LM231A
−25˚C to +85˚C
LM331, LM331A
0˚C to +70˚C
Supply Voltage, V
S
+4V to +40V
Package Thermal Resistance
Package
θ
J-A
8-Lead Plastic DIP
100˚C/W
Electrical Characteristics
All specifications apply in the circuit of Figure 4, with 4.0V
≤ V
S
≤ 40V, T
A=25˚C, unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
VFC Non-Linearity (Note 4)
4.5V
≤ V
S
≤ 20V
±0.003
±0.01
% Full- Scale
T
MIN
≤ T
A
≤ T
MAX
±0.006
±0.02
% Full- Scale
VFC Non-Linearity in Circuit of Figure 3
V
S =15V,f=10Hzto11kHz
±0.024
±0.14
%Full- Scale
Conversion Accuracy Scale Factor (Gain)
LM231, LM231A
V
IN = −10V, RS =14k
Ω
0.95
1.00
1.05
kHz/V
LM331, LM331A
0.90
1.00
1.10
kHz/V
Temperature Stability of Gain
LM231/LM331
T
MIN
≤ T
A
≤ T
MAX, 4.5V
≤ V
S
≤ 20V
±30
±150
ppm/˚C
LM231A/LM331A
±20
±50
ppm/˚C
Change of Gain with V
S
4.5V
≤ V
S
≤ 10V
0.01
0.1
%/V
10V
≤ V
S
≤ 40V
0.006
0.06
%/V
Rated Full-Scale Frequency
V
IN = −10V
10.0
kHz
Gain Stability vs. Time (1000 Hours)
T
MIN
≤ T
A
≤ T
MAX
±0.02
% Full- Scale
Over Range (Beyond Full-Scale)
Frequency
V
IN = −11V
10
%
INPUT COMPARATOR
Offset Voltage
±3
±10
mV
LM231/LM331
T
MIN
≤ T
A
≤ T
MAX
±4
±14
mV
LM231A/LM331A
T
MIN
≤ T
A
≤ T
MAX
±3
±10
mV
Bias Current
−80
−300
nA
Offset Current
±8
±100
nA
Common-Mode Range
T
MIN
≤ T
A
≤ T
MAX
−0.2
V
CC−2.0
V
TIMER
Timer Threshold Voltage, Pin 5
0.63
0.667
0.70
x V
S
Input Bias Current, Pin 5
V
S = 15V
All Devices
0V
≤ V
PIN 5
≤ 9.9V
±10
±100
nA
LM231/LM331
V
PIN 5 = 10V
200
1000
nA
LM231A/LM331A
V
PIN 5 = 10V
200
500
nA
V
SAT PIN 5 (Reset)
I=5mA
0.22
0.5
V
CURRENT SOURCE (Pin 1)
Output Current
LM231, LM231A
R
S =14k
Ω,V
PIN 1 = 0
126
135
144
µA
LM331, LM331A
116
136
156
µA
Change with Voltage
0V
≤ V
PIN 1
≤ 10V
0.2
1.0
µA
Current Source OFF Leakage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com