Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM331 Datasheet(PDF) 7 Page - SYC Electronica

Part # LM331
Description  Precision Voltage-to-Frequency Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

LM331 Datasheet(HTML) 7 Page - SYC Electronica

Back Button LM331 Datasheet HTML 3Page - SYC Electronica LM331 Datasheet HTML 4Page - SYC Electronica LM331 Datasheet HTML 5Page - SYC Electronica LM331 Datasheet HTML 6Page - SYC Electronica LM331 Datasheet HTML 7Page - SYC Electronica LM331 Datasheet HTML 8Page - SYC Electronica LM331 Datasheet HTML 9Page - SYC Electronica LM331 Datasheet HTML 10Page - SYC Electronica LM331 Datasheet HTML 11Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Applications Information
PRINCIPLES OF OPERATION
The LM231/331 are monolithic circuits designed for accu-
racy and versatile operation when applied as voltage-to-
frequency (V-to-F) converters or as frequency-to-voltage (F-
to-V) converters. A simplified block diagram of the LM231/
331 is shown in Figure 2 and consists of a switched current
source, input comparator, and 1-shot timer.
Simplified Voltage-to-Frequency Converter
The operation of these blocks is best understood by going
through the operating cycle of the basic V-to-F converter,
Figure 2, which consists of the simplified block diagram of
the LM231/331 and the various resistors and capacitors
connected to it.
The voltage comparator compares a positive input voltage,
V1, at pin 7 to the voltage, V
x, at pin 6. If V1 is greater, the
comparator will trigger the 1-shot timer. The output of the
timer will turn ON both the frequency output transistor and
the switched current source for a period t=1.1 R
tCt. During
this period, the current i will flow out of the switched current
source and provide a fixed amount of charge,Q=ixt, into
the capacitor, C
L. This will normally charge Vx up to a higher
level than V1. At the end of the timing period, the current i will
turn OFF, and the timer will reset itself.
Now there is no current flowing from pin 1, and the capacitor
C
L will be gradually discharged by RL until Vx falls to the level
of V1. Then the comparator will trigger the timer and start
another cycle.
The current flowing into C
L is exactly IAVE = i x (1.1xRtCt)xf,
and the current flowing out of C
L is exactly Vx/RL . VIN/RL.
If V
IN is doubled, the frequency will double to maintain this
balance. Even a simple V-to-F converter can provide a fre-
quency precisely proportional to its input voltage over a wide
range of frequencies.
Detail of Operation, Functional Block
Diagram (Figure 1)
The block diagram shows a band gap reference which pro-
vides a stable 1.9 V
DC output. This 1.9 VDC is well regulated
over a V
S range of 3.9V to 40V. It also has a flat, low
temperature coefficient, and typically changes less than 1⁄2%
over a 100˚C temperature change.
The current pump circuit forces the voltage at pin 2 to be at
1.9V, and causes a current i=1.90V/R
S to flow. For Rs=14k,
i=135 µA. The precision current reflector provides a current
equal to i to the current switch. The current switch switches
the current to pin 1 or to ground, depending upon the state of
the R
S flip-flop.
The timing function consists of an R
S flip-flop and a timer
comparator connected to the external R
tCt network. When
the input comparator detects a voltage at pin 7 higher than
pin 6, it sets the R
S flip-flop which turns ON the current
switch and the output driver transistor. When the voltage at
pin 5 rises to 2⁄3 V
CC, the timer comparator causes the RS
flip-flop to reset. The reset transistor is then turned ON and
the current switch is turned OFF.
However, if the input comparator still detects pin 7 higher
than pin 6 when pin 5 crosses 2⁄3 V
CC, the flip-flop will not be
reset, and the current at pin 1 will continue to flow, trying to
make the voltage at pin 6 higher than pin 7. This condition
will usually apply under start-up conditions or in the case of
an overload voltage at signal input. During this sort of over-
load the output frequency will be 0. As soon as the signal is
restored to the working range, the output frequency will be
resumed.
The output driver transistor acts to saturate pin 3 with an ON
resistance of about 50
Ω. In case of over voltage, the output
current is actively limited to less than 50 mA.
The voltage at pin 2 is regulated at 1.90 V
DC for all values of
i between 10 µA to 500 µA. It can be used as a voltage
reference for other components, but care must be taken to
ensure that current is not taken from it which could reduce
the accuracy of the converter.
Basic Voltage-to-Frequency Converter (Figure 3)
The simple stand-alone V-to-F converter shown in Figure 3
includes all the basic circuitry of Figure 2 plus a few compo-
nents for improved performance.
A resistor, R
IN=100 k
Ω ±10%, has been added in the path to
pin 7, so that the bias current at pin 7 (−80 nA typical) will
cancel the effect of the bias current at pin 6 and help provide
minimum frequency offset.
The resistance R
S at pin 2 is made up of a 12 k
Ω fixed
resistor plusa5k
Ω (cermet, preferably) gain adjust rheostat.
The function of this adjustment is to trim out the gain toler-
ance of the LM231/331, and the tolerance of R
t,RL and Ct.
For best results, all the components should be stable low-
temperature-coefficient components, such as metal-film re-
sistors. The capacitor should have low dielectric absorption;
depending on the temperature characteristics desired, NPO
ceramic, polystyrene, Teflon or polypropylene are best
suited.
A capacitor C
IN is added from pin 7 to ground to act as a filter
for V
IN. A value of 0.01 µF to 0.1 µF will be adequate in most
cases; however, in cases where better filtering is required, a
1 µF capacitor can be used. When the RC time constants are
matched at pin 6 and pin 7, a voltage step at V
IN will cause
a step change in f
OUT.IfCIN is much less than CL, a step at
V
IN may cause fOUT to stop momentarily.
00568004
FIGURE 2. Simplified Block Diagram of Stand-Alone
Voltage-to-Frequency Converter and
External Components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com