Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM331 Datasheet(PDF) 3 Page - SYC Electronica

Part # LM331
Description  Precision Voltage-to-Frequency Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

LM331 Datasheet(HTML) 3 Page - SYC Electronica

  LM331 Datasheet HTML 1Page - SYC Electronica LM331 Datasheet HTML 2Page - SYC Electronica LM331 Datasheet HTML 3Page - SYC Electronica LM331 Datasheet HTML 4Page - SYC Electronica LM331 Datasheet HTML 5Page - SYC Electronica LM331 Datasheet HTML 6Page - SYC Electronica LM331 Datasheet HTML 7Page - SYC Electronica LM331 Datasheet HTML 8Page - SYC Electronica LM331 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Electrical Characteristics (Continued)
All specifications apply in the circuit of Figure 4, with 4.0V
≤ V
S
≤ 40V, T
A=25˚C, unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
CURRENT SOURCE (Pin 1)
LM231, LM231A, LM331, LM331A
0.02
10.0
nA
All Devices
T
A =TMAX
2.0
50.0
nA
Operating Range of Current (Typical)
(10 to 500)
µA
REFERENCE VOLTAGE (Pin 2)
LM231, LM231A
1.76
1.89
2.02
V
DC
LM331, LM331A
1.70
1.89
2.08
V
DC
Stability vs. Temperature
±60
ppm/˚C
Stability vs. Time, 1000 Hours
±0.1
%
LOGIC OUTPUT (Pin 3)
V
SAT
I=5mA
0.15
0.50
V
I = 3.2 mA (2 TTL Loads),
T
MIN
≤ T
A
≤ T
MAX
0.10
0.40
V
OFF Leakage
±0.05
1.0
µA
SUPPLY CURRENT
LM231, LM231A
V
S = 5V
2.0
3.0
4.0
mA
V
S = 40V
2.5
4.0
6.0
mA
LM331, LM331A
V
S = 5V
1.5
3.0
6.0
mA
V
S = 40V
2.0
4.0
8.0
mA
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not apply when operating
the device beyond its specified operating conditions.
Note 2: All voltages are measured with respect to GND = 0V, unless otherwise noted.
Note 3: The absolute maximum junction temperature (TJmax) for this device is 150˚C. The maximum allowable power dissipation is dictated by TJmax, the
junction-to-ambient thermal resistance (
θJA), and the ambient temperature TA, and can be calculated using the formula PDmax=(TJmax - TA)/ θJA. The values for
maximum power dissipation will be reached only when the device is operated in a severe fault condition (e.g., when input or output pins are driven beyond the power
supply voltages, or the power supply polarity is reversed). Obviously, such conditions should always be avoided.
Note 4: Nonlinearity is defined as the deviation of fOUT from VIN x (10 kHz/−10 VDC) when the circuit has been trimmed for zero error at 10 Hz and at 10 kHz, over
the frequency range 1 Hz to 11 kHz. For the timing capacitor, CT, use NPO ceramic, Teflon®, or polystyrene.
Note 5: Human body model, 100 pF discharged through a 1.5 k
Ω resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com