Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM331 Datasheet(PDF) 8 Page - SYC Electronica

Part # LM331
Description  Precision Voltage-to-Frequency Converters
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

LM331 Datasheet(HTML) 8 Page - SYC Electronica

Back Button LM331 Datasheet HTML 4Page - SYC Electronica LM331 Datasheet HTML 5Page - SYC Electronica LM331 Datasheet HTML 6Page - SYC Electronica LM331 Datasheet HTML 7Page - SYC Electronica LM331 Datasheet HTML 8Page - SYC Electronica LM331 Datasheet HTML 9Page - SYC Electronica LM331 Datasheet HTML 10Page - SYC Electronica LM331 Datasheet HTML 11Page - SYC Electronica LM331 Datasheet HTML 12Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Applications Information (Continued)
A47
Ω resistor, in series with the 1 µF C
L, provides hyster-
esis, which helps the input comparator provide the excellent
linearity.
Details of Operation: Precision V-To-F Converter
(Figure 4)
In this circuit, integration is performed by using a conven-
tional operational amplifier and feedback capacitor, C
F.
When the integrator’s output crosses the nominal threshold
level at pin 6 of the LM231/331, the timing cycle is initiated.
The average current fed into the op-amp’s summing point
(pin 2) is i x (1.1 R
tCt) x f which is perfectly balanced with
−V
IN/RIN. In this circuit, the voltage offset of the LM231/331
input comparator does not affect the offset or accuracy of the
V-to-F converter as it does in the stand-alone V-to-F con-
verter; nor does the LM231/331 bias current or offset cur-
rent. Instead, the offset voltage and offset current of the
operational amplifier are the only limits on how small the
signal can be accurately converted. Since op-amps with
voltage offset well below 1 mV and offset currents well below
2 nA are available at low cost, this circuit is recommended for
best accuracy for small signals. This circuit also responds
immediately to any change of input signal (which a stand-
alone circuit does not) so that the output frequency will be an
accurate representation of V
IN, as quickly as 2 output pulses’
spacing can be measured.
In the precision mode, excellent linearity is obtained be-
cause the current source (pin 1) is always at ground potential
and that voltage does not vary with V
IN or fOUT. (In the
stand-alone V-to-F converter, a major cause of non-linearity
is the output impedance at pin 1 which causes i to change as
a function of V
IN).
The circuit of Figure 5 operates in the same way as Figure 4,
but with the necessary changes for high speed operation.
00568001
*Use stable components with low temperature coefficients. See Typical
Applications section.
**0.1µF or 1µF, See “Principles of Operation.”
FIGURE 3. Simple Stand-Alone V-to-F Converter
with ±0.03% Typical Linearity (f = 10 Hz to 11 kHz)
00568005
*Use stable components with low temperature coefficients. See Typical Applications section.
**This resistor can be 5 k
Ω or 10 kΩ for VS=8V to 22V, but must be 10 kΩ for VS=4.5V to 8V.
***Use low offset voltage and low offset current op-amps for A1: recommended type LF411A
FIGURE 4. Standard Test Circuit and Applications Circuit, Precision Voltage-to-Frequency Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com