Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF102 Datasheet(PDF) 2 Page - SYC Electronica

Part # MPF102
Description  JFET VHF Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

MPF102 Datasheet(HTML) 2 Page - SYC Electronica

  MPF102 Datasheet HTML 1Page - SYC Electronica MPF102 Datasheet HTML 2Page - SYC Electronica MPF102 Datasheet HTML 3Page - SYC Electronica MPF102 Datasheet HTML 4Page - SYC Electronica MPF102 Datasheet HTML 5Page - SYC Electronica MPF102 Datasheet HTML 6Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MPF102
f, FREQUENCY (MHz)
30
10
bis @ IDSS
f, FREQUENCY (MHz)
5.0
Figure 1. Input Admittance (yis)
Figure 2. Reverse Transfer Admittance (yrs)
COMMON SOURCE CHARACTERISTICS
ADMITTANCE PARAMETERS
(VDS = 15 Vdc, Tchannel = 25°C)
f, FREQUENCY (MHz)
20
f, FREQUENCY (MHz)
10
Figure 3. Forward Transadmittance (yfs)
Figure 4. Output Admittance (yos)
20
10
0.3
0.5
0.7
1.0
2.0
3.0
5.0
7.0
20
30
50 70 100
200 300
500 700 1000
0.2
0.3
0.5
0.7
1.0
2.0
3.0
5.0
7.0
10
3.0
0.05
0.07
0.1
0.2
0.3
0.7
0.5
1.0
2.0
10
20
30
50 70 100
200 300
500 700 1000
10
20
30
50 70 100
200 300
500 700 1000
0.01
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20 30
50 70 100
200 300
500 700 1000
bis @ 0.25 IDSS
gis @ IDSS
gis @ 0.25 IDSS
brs @ IDSS
0.25 IDSS
grs @ IDSS, 0.25 IDSS
gfs @ IDSS
|bfs| @ IDSS
|bfs| @ 0.25 IDSS
bos @ IDSS and 0.25 IDSS
gos @ IDSS
gos @ 0.25 IDSS
gfs @ 0.25 IDSS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com