Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF102 Datasheet(PDF) 1 Page - SYC Electronica

Part # MPF102
Description  JFET VHF Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

MPF102 Datasheet(HTML) 1 Page - SYC Electronica

  MPF102 Datasheet HTML 1Page - SYC Electronica MPF102 Datasheet HTML 2Page - SYC Electronica MPF102 Datasheet HTML 3Page - SYC Electronica MPF102 Datasheet HTML 4Page - SYC Electronica MPF102 Datasheet HTML 5Page - SYC Electronica MPF102 Datasheet HTML 6Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
JFET VHF Amplifier
N–Channel – Depletion
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain–Source Voltage
VDS
25
Vdc
Drain–Gate Voltage
VDG
25
Vdc
Gate–Source Voltage
VGS
–25
Vdc
Gate Current
IG
10
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
350
2.8
mW
mW/
°C
Junction Temperature Range
TJ
125
°C
Storage Temperature Range
Tstg
–65 to +150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Gate–Source Breakdown Voltage
(IG = –10 µAdc, VDS = 0)
V(BR)GSS
–25
–
Vdc
Gate Reverse Current
(VGS = –15 Vdc, VDS = 0)
(VGS = –15 Vdc, VDS = 0, TA = 100°C)
IGSS
–
–
–2.0
–2.0
nAdc
µAdc
Gate–Source Cutoff Voltage
(VDS = 15 Vdc, ID = 2.0 nAdc)
VGS(off)
–
–8.0
Vdc
Gate–Source Voltage
(VDS = 15 Vdc, ID = 0.2 mAdc)
VGS
–0.5
–7.5
Vdc
ON CHARACTERISTICS
Zero–Gate–Voltage Drain Current(1)
(VDS = 15 Vdc, VGS = 0 Vdc)
IDSS
2.0
20
mAdc
SMALL–SIGNAL CHARACTERISTICS
Forward Transfer Admittance(1)
(VDS = 15 Vdc, VGS = 0, f = 1.0 kHz)
(VDS = 15 Vdc, VGS = 0, f = 100 MHz)
yfs
2000
1600
7500
–
mmhos
Input Admittance
(VDS = 15 Vdc, VGS = 0, f = 100 MHz)
Re(yis)
–
800
mmhos
Output Conductance
(VDS = 15 Vdc, VGS = 0, f = 100 MHz)
Re(yos)
–
200
mmhos
Input Capacitance
(VDS = 15 Vdc, VGS = 0, f = 1.0 MHz)
Ciss
–
7.0
pF
Reverse Transfer Capacitance
(VDS = 15 Vdc, VGS = 0, f = 1.0 MHz)
Crss
–
3.0
pF
1. Pulse Test; Pulse Width
v 630 ms, Duty Cycle v 10%.
MPF102
CASE 29–11, STYLE 5
TO–92 (TO–226AA)
1
2
3
1 DRAIN
2 SOURCE
3
GATE


Similar Part No. - MPF102

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPF102 MOTOROLA-MPF102 Datasheet
270Kb / 8P
JFET VHF Amplifier
logo
ON Semiconductor
MPF102 ONSEMI-MPF102 Datasheet
270Kb / 8P
JFET VHF Amplifier
1997
logo
Fairchild Semiconductor
MPF102 FAIRCHILD-MPF102 Datasheet
22Kb / 3P
N-Channel RF Amplifier
logo
List of Unclassifed Man...
MPF102 ETC1-MPF102 Datasheet
213Kb / 4P
PLASTIC-CASE JUNCTION FIELD-EFFECT TRANSISTORS
logo
ON Semiconductor
MPF102 ONSEMI-MPF102 Datasheet
147Kb / 7P
JFET VHF Amplifier
January, 2006 ??Rev. 3
More results

Similar Description - MPF102

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBF4416LT1 MOTOROLA-MMBF4416LT1 Datasheet
292Kb / 10P
JFET VHF/UHF Amplifier Transistor
MMBFJ309LT1 MOTOROLA-MMBFJ309LT1 Datasheet
165Kb / 6P
JFET VHF/UHF Amplifier Transistor
MPF102 MOTOROLA-MPF102 Datasheet
270Kb / 8P
JFET VHF Amplifier
logo
ON Semiconductor
MMBFJ309LT1 ONSEMI-MMBFJ309LT1 Datasheet
165Kb / 8P
JFET VHF/UHF Amplifier Transistor
November, 2001 ??Rev. 2
MPF102 ONSEMI-MPF102 Datasheet
270Kb / 8P
JFET VHF Amplifier
1997
MPF102 ONSEMI-MPF102_06 Datasheet
147Kb / 7P
JFET VHF Amplifier
January, 2006 ??Rev. 3
MMBFJ309LT1G ONSEMI-MMBFJ309LT1G_09 Datasheet
150Kb / 5P
JFET - VHF/UHF Amplifier Transistor
August, 2009 ??Rev. 4
logo
New Jersey Semi-Conduct...
2N4416A NJSEMI-2N4416A Datasheet
190Kb / 2P
JFET VHF/UHF AMPLIFIER
logo
ON Semiconductor
2N3819G ONSEMI-2N3819G Datasheet
175Kb / 8P
JFET VHF/UHF Amplifier
March, 2002 ??Rev. 0
MMBFJ309L ONSEMI-MMBFJ309L Datasheet
167Kb / 5P
JFET - VHF/UHF Amplifier Transistor
November, 2011 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com