Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF102 Datasheet(PDF) 5 Page - SYC Electronica

Part # MPF102
Description  JFET VHF Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

MPF102 Datasheet(HTML) 5 Page - SYC Electronica

  MPF102 Datasheet HTML 1Page - SYC Electronica MPF102 Datasheet HTML 2Page - SYC Electronica MPF102 Datasheet HTML 3Page - SYC Electronica MPF102 Datasheet HTML 4Page - SYC Electronica MPF102 Datasheet HTML 5Page - SYC Electronica MPF102 Datasheet HTML 6Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MPF102
0°
350°
340°
330°
10°
20°
30°
180°
190°
200°
210°
170°
160°
150°
320°
310°
300°
290°
280°
270°
260°
250°
240°
230°
220°
40°
50°
60°
70°
80°
90°
100°
110°
120°
130°
140°
0°
350°
340°
330°
10°
20°
30°
180°
190°
200°
210°
170°
160°
150°
320°
310°
300°
290°
280°
270°
260°
250°
240°
230°
220°
40°
50°
60°
70°
80°
90°
100°
110°
120°
130°
140°
0°
350°
340°
330°
10°
20°
30°
180°
190°
200°
210°
170°
160°
150°
320°
310°
300°
290°
280°
270°
260°
250°
240°
230°
220°
40°
50°
60°
70°
80°
90°
100°
110°
120°
130°
140°
0°
350°
340°
330°
10°
20°
30°
180°
190°
200°
210°
170°
160°
150°
320°
310°
300°
290°
280°
270°
260°
250°
240°
230°
220°
40°
50°
60°
70°
80°
90°
100°
110°
120°
130°
140°
Figure 13. S11g
Figure 14. S12g
Figure 15. S21g
Figure 16. S22g
0.7
0.6
0.5
0.4
0.3
0.04
0.5
0.4
0.3
0.2
1.0
0.9
0.8
0.7
0.6
0.03
0.02
0.01
0.0
0.01
0.02
0.03
0.04
0.1
900
900
800
700
600
500
300
200
100
800
700
600
500
400
300
200
100
ID = 0.25 IDSS
ID = IDSS
100 200
300
400
500
600
700
800
900
900
600
700
800
ID = 0.25 IDSS
ID = IDSS
100
900
100
900
ID = 0.25 IDSS
ID = IDSS
1.5
100
400
500
600
700
800
900
ID = IDSS, 0.25 IDSS
COMMON GATE CHARACTERISTICS
S–PARAMETERS
(VDS = 15 Vdc, Tchannel = 25°C, Data Points in MHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com