Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF102 Datasheet(PDF) 3 Page - SYC Electronica

Part # MPF102
Description  JFET VHF Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

MPF102 Datasheet(HTML) 3 Page - SYC Electronica

  MPF102 Datasheet HTML 1Page - SYC Electronica MPF102 Datasheet HTML 2Page - SYC Electronica MPF102 Datasheet HTML 3Page - SYC Electronica MPF102 Datasheet HTML 4Page - SYC Electronica MPF102 Datasheet HTML 5Page - SYC Electronica MPF102 Datasheet HTML 6Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MPF102
Figure 5. S11s
Figure 6. S12s
0°
350°
340°
330°
10°
20°
30°
180°
190°
200°
210°
170°
160°
150°
320°
310°
300°
290°
280°
270°
260°
250°
240°
230°
220°
40°
50°
60°
70°
80°
90°
100°
110°
120°
130°
140°
0°
350°
340°
330°
10°
20°
30°
180°
190°
200°
210°
170°
160°
150°
320°
310°
300°
290°
280°
270°
260°
250°
240°
230°
220°
40°
50°
60°
70°
80°
90°
100°
110°
120°
130°
140°
0°
350°
340°
330°
10°
20°
30°
180°
190°
200°
210°
170°
160°
150°
320°
310°
300°
290°
280°
270°
260°
250°
240°
230°
220°
40°
50°
60°
70°
80°
90°
100°
110°
120°
130°
140°
0°
350°
340°
330°
10°
20°
30°
180°
190°
200°
210°
170°
160°
150°
320°
310°
300°
290°
280°
270°
260°
250°
240°
230°
220°
40°
50°
60°
70°
80°
90°
100°
110°
120°
130°
140°
1.0
0.9
0.8
0.7
0.6
0.4
0.3
0.2
0.1
0.0
1.0
0.9
0.8
0.7
0.6
0.6
0.5
0.4
0.3
0.3
0.4
0.5
0.6
900
900
800
700
600
500
400
300
200
100
800
700
600
500
400
300
200
100
ID = 0.25 IDSS
ID = IDSS
100
200
300
400
600
700
800
900
500
ID = IDSS, 0.25 IDSS
900
500
800
700
600
500
400
300 200
100
ID = 0.25 IDSS
ID = IDSS
100
200
300
400
900
600
700
800
900
800
600
400
300
200
200
100
ID = 0.25 IDSS
ID = IDSS
900
100
500
700
300
400
500
600
700
800
Figure 7. S21s
Figure 8. S22s
COMMON SOURCE CHARACTERISTICS
S–PARAMETERS
(VDS = 15 Vdc, Tchannel = 25°C, Data Points in MHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com