Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVD2102 Datasheet(PDF) 2 Page - Texas Instruments

Part # CDCLVD2102
Description  Dual 1:2 Low Additive Jitter LVDS Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVD2102 Datasheet(HTML) 2 Page - Texas Instruments

  CDCLVD2102 Datasheet HTML 1Page - Texas Instruments CDCLVD2102 Datasheet HTML 2Page - Texas Instruments CDCLVD2102 Datasheet HTML 3Page - Texas Instruments CDCLVD2102 Datasheet HTML 4Page - Texas Instruments CDCLVD2102 Datasheet HTML 5Page - Texas Instruments CDCLVD2102 Datasheet HTML 6Page - Texas Instruments CDCLVD2102 Datasheet HTML 7Page - Texas Instruments CDCLVD2102 Datasheet HTML 8Page - Texas Instruments CDCLVD2102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Reference
Generator
LVDS
INN0
INP0
INN1
INP1
EN
GND
OUTN [0..1]
OUTP [0..1]
VCC
200 kW
LVDS
OUTN [2..3]
OUTP [2..3]
VAC_REF
VCC
200 kW
3mm x 3mm
16 pin QFN (RGT)
Thermal Pad
VCC
INP0
INN0
1
2
3
4
5
6
7
8
12
11
10
9
16
15
14
13
OUTP2
OUTN3
OUTP3
OUTN2
VAC_REF
CDCLVD2102
SCAS904A – MAY 2010 – REVISED JUNE 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Figure 2. CDCLVD2102 Block Diagram
TOP VIEW
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): CDCLVD2102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com