Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVD2102 Datasheet(PDF) 9 Page - Texas Instruments

Part # CDCLVD2102
Description  Dual 1:2 Low Additive Jitter LVDS Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVD2102 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDCLVD2102 Datasheet HTML 5Page - Texas Instruments CDCLVD2102 Datasheet HTML 6Page - Texas Instruments CDCLVD2102 Datasheet HTML 7Page - Texas Instruments CDCLVD2102 Datasheet HTML 8Page - Texas Instruments CDCLVD2102 Datasheet HTML 9Page - Texas Instruments CDCLVD2102 Datasheet HTML 10Page - Texas Instruments CDCLVD2102 Datasheet HTML 11Page - Texas Instruments CDCLVD2102 Datasheet HTML 12Page - Texas Instruments CDCLVD2102 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
t
PLH3
t
PLH0
t
PHL0
t
PLH1
t
PHL1
t
PHL3
INPx
INNx
OUTP0
OUTN0
OUTP1
OUTN1
OUTP3
OUTN3
t
PLH2
t
PHL2
OUTP2
OUTN2
0V Differential
OUTPx
OUTNx
VOD
Vring
V
OS
GND
CDCLVD2102
www.ti.com
SCAS904A – MAY 2010 – REVISED JUNE 2010
A.
Output skew is calculated as the greater of the following: As the difference between the fastest and the slowest tPLHn
or the difference between the fastest and the slowest tPHLn (n = 0, 1, 2, 3).
B.
Part-to-part skew is calculated as the greater of the following: As the difference between the fastest and the slowest
tPLHn or the difference between the fastest and the slowest tPHLn across multiple devices (n = 0, 1, 2, 3).
C.
Both inputs (IN0 and IN1) are phase aligned.
Figure 9. Output Skew and Part-to-Part Skew
Figure 10. Output Overshoot and Undershoot
Figure 11. Output AC Common Mode
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): CDCLVD2102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com