Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVD2102 Datasheet(PDF) 13 Page - Texas Instruments

Part # CDCLVD2102
Description  Dual 1:2 Low Additive Jitter LVDS Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVD2102 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDCLVD2102 Datasheet HTML 9Page - Texas Instruments CDCLVD2102 Datasheet HTML 10Page - Texas Instruments CDCLVD2102 Datasheet HTML 11Page - Texas Instruments CDCLVD2102 Datasheet HTML 12Page - Texas Instruments CDCLVD2102 Datasheet HTML 13Page - Texas Instruments CDCLVD2102 Datasheet HTML 14Page - Texas Instruments CDCLVD2102 Datasheet HTML 15Page - Texas Instruments CDCLVD2102 Datasheet HTML 16Page - Texas Instruments CDCLVD2102 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
CDCLVD2102
www.ti.com
SCAS904A – MAY 2010 – REVISED JUNE 2010
REVISION HISTORY
Changes from Original (May 2010) to Revision A
Page
•
Changed Features bullet From: ESD Protection Exceeds 2kV HBM, 500V CDM To: ESD Protection Exceeds 3 kV
HBM, 1 kV CDM ................................................................................................................................................................... 1
•
Electrostatic discharge was <2000 ....................................................................................................................................... 3
•
ΔVOD values, MIN was-50, MAX was 50 .............................................................................................................................. 5
•
VOC(SS) MIN value was 1.125 ................................................................................................................................................ 5
•
ΔVOC(SS) values, MIN was-50, MAX was 50 .......................................................................................................................... 5
•
Vring MAX value was 20% ..................................................................................................................................................... 5
•
VOS values, TYP was 30, MAX was 100 ............................................................................................................................... 5
•
tPD MAX value was 2 ............................................................................................................................................................. 5
•
tSK, PP - deleted the TYP value of 300 ................................................................................................................................... 5
•
tR/tF MIN value was 200 ........................................................................................................................................................ 5
•
ICCSTAT MAX value was 42 .................................................................................................................................................... 5
•
Added new paragraph following Figure 19 ......................................................................................................................... 12
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): CDCLVD2102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com