Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVD2102 Datasheet(PDF) 8 Page - Texas Instruments

Part # CDCLVD2102
Description  Dual 1:2 Low Additive Jitter LVDS Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVD2102 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDCLVD2102 Datasheet HTML 4Page - Texas Instruments CDCLVD2102 Datasheet HTML 5Page - Texas Instruments CDCLVD2102 Datasheet HTML 6Page - Texas Instruments CDCLVD2102 Datasheet HTML 7Page - Texas Instruments CDCLVD2102 Datasheet HTML 8Page - Texas Instruments CDCLVD2102 Datasheet HTML 9Page - Texas Instruments CDCLVD2102 Datasheet HTML 10Page - Texas Instruments CDCLVD2102 Datasheet HTML 11Page - Texas Instruments CDCLVD2102 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LVDS
100 W
Oscilloscope
LVDS
50 W
Phase Noise
Analyzer
OUTNx
OUTPx
80%
20%
0 V
tr
tf
VOD
VOH
VOL
V
(= 2 x V
)
OUT,DIFF,PP
OD
CDCLVD2102
SCAS904A – MAY 2010 – REVISED JUNE 2010
www.ti.com
TEST CONFIGURATIONS
Figure 5. LVDS Output DC Configuration During Device Test
Figure 6. LVDS Output AC Configuration During Device Test
Figure 7. DC Coupled LVCMOS Input During Device Test
Figure 8. Output Voltage and Rise/Fall Time
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): CDCLVD2102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com