Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX28AC/DP-G Datasheet(PDF) 28 Page - Parallax Inc

Part # SX28AC/DP-G
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALLAX [Parallax Inc]
Direct Link  https://www.parallax.com/
Logo PARALLAX - Parallax Inc

SX28AC/DP-G Datasheet(HTML) 28 Page - Parallax Inc

Back Button SX28AC/DP-G Datasheet HTML 24Page - Parallax Inc SX28AC/DP-G Datasheet HTML 25Page - Parallax Inc SX28AC/DP-G Datasheet HTML 26Page - Parallax Inc SX28AC/DP-G Datasheet HTML 27Page - Parallax Inc SX28AC/DP-G Datasheet HTML 28Page - Parallax Inc SX28AC/DP-G Datasheet HTML 29Page - Parallax Inc SX28AC/DP-G Datasheet HTML 30Page - Parallax Inc SX28AC/DP-G Datasheet HTML 31Page - Parallax Inc SX28AC/DP-G Datasheet HTML 32Page - Parallax Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
Parallax SX20AC/SX28AC
www.parallax.com
© Parallax Inc.
Page 28 of 51
Rev 1.6 11/20/2006
12.0 RESET
Power-On Reset, Brown-Out Reset, Watchdog Reset, or
External Reset initializes the device. Each one of these
reset conditions causes the program counter to branch to
the top of the program memory. For example, on the
device with 2048 K
($800 hex) words of program
memory, the program counter is initialized to 07FF upon
a valid reset condition.
The device incorporates an on-chip Power-On Reset
(POR) circuit that generates an internal reset as VDD rises
during power-up. Figure 12-2 is a block diagram of the
circuit. The circuit contains a 10-bit Delay Reset Timer
(DRT) and a reset latch. The DRT controls the reset
timeout delay. The reset latch controls the internal reset
signal.
Upon power-up, the reset latch is set (device held in
reset), and the DRT starts counting once it detects a valid
logic high signal at the MCLR pin. Once DRT reaches the
end of the timeout period (typically 72 msec), the reset
latch is cleared, releasing the device from reset state.
Figure 12-1 shows a power-up sequence where MCLR is
not tied to the VDD pin and VDD signal is allowed to rise
and stabilize before MCLR pin is brought high. The
device will actually come out of reset TDRT msec after
MCLR goes high.
The brown-out circuitry resets the chip when device
power (VDD) dips below its minimum allowed value, but
not to zero, and then recovers to the normal value.
Figure 12-1: Time-Out Sequence on Power-Up
(MCLR not tied to Vdd)
Figure 12-2
Block Diagram
of On-Chip Reset Circuit
Note: Ripple counter is 10 bits for Power
on Reset (POR) only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com