Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX28AC/DP-G Datasheet(PDF) 16 Page - Parallax Inc

Part # SX28AC/DP-G
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALLAX [Parallax Inc]
Direct Link  https://www.parallax.com/
Logo PARALLAX - Parallax Inc

SX28AC/DP-G Datasheet(HTML) 16 Page - Parallax Inc

Back Button SX28AC/DP-G Datasheet HTML 12Page - Parallax Inc SX28AC/DP-G Datasheet HTML 13Page - Parallax Inc SX28AC/DP-G Datasheet HTML 14Page - Parallax Inc SX28AC/DP-G Datasheet HTML 15Page - Parallax Inc SX28AC/DP-G Datasheet HTML 16Page - Parallax Inc SX28AC/DP-G Datasheet HTML 17Page - Parallax Inc SX28AC/DP-G Datasheet HTML 18Page - Parallax Inc SX28AC/DP-G Datasheet HTML 19Page - Parallax Inc SX28AC/DP-G Datasheet HTML 20Page - Parallax Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
Parallax SX20AC/SX28AC
www.parallax.com
© Parallax Inc.
Page 16 of 51
Rev 1.6 11/20/2006
5.2.
FUSEX Word (Read/Program via Programming Command)
IRCTRIM2
PINS
IRCTRIM1
IRCTRIM0
/
OPTIONX
STACKX
CF
BOR1
BOR0
BORTR1
BORTR0
BP1
BP0
Bit 11
Bit 0
IRCTRIM2:
Internal RC oscillator trim bits. This 3-bit field adjusts the operation of the internal RC oscillator to make it
operate within the target frequency range 4 MHz plus or minus 8%. Parts are shipped from the factory
untrimmed. The device relies on the programming to0l to provide the trimming function.
000b = minimum frequency
111b = maximum frequency
each step about 3%
PINS
Selects the number of pins.
0 = 18/20 pins
1 = 28 pins
/
OPTIONX
OPTION Register Extension and Stack Extension. Set to 1 to disable the programmability of bit 6 and bit 7
in the OPTION register, the RTW and RTE_IE bits (in other words, to force these two bits to 1) and to
limit the program stack size to two locations. Clear to 0 to enable programming of the RTW and RTE_IE
bits in the OPTION register, and to extend the stack size to eight locations.
CF
Active low - makes carry bit input to ADD and SUB instructions.
BOR1: BOR0
Brown-Out Reset: These bits enable or disable the brown-out reset function and set the brown-out threshold
voltage as follows:
00b = 4.2 V
01b = 2.6 V
10b = 2.2 V
11b = Brown-Out disabled
BORTR1:
Brown-Out trim bits (parts are shipped out of factory untrimmed).
BORTR0
01b = minimum threshold voltage
00b = LOW
11b = HIGH
10b = maximum threshold voltage
BP1:BPO
00b = 1 page, 1 bank
01b = 2 pages, 1 bank
10b = 4 pages, 4 banks
11b = 4 pages, 8 banks
(default configuration)
5.3.
DEVICE Word (Hard-Wired Read-Only)
1
1
1
1
1
1
0
0
1
1
1
0
Bit 11
Bit 0
STACKX
0
IRCTRIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com