Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX28AC/DP-G Datasheet(PDF) 5 Page - Parallax Inc

Part # SX28AC/DP-G
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALLAX [Parallax Inc]
Direct Link  https://www.parallax.com/
Logo PARALLAX - Parallax Inc

SX28AC/DP-G Datasheet(HTML) 5 Page - Parallax Inc

  SX28AC/DP-G Datasheet HTML 1Page - Parallax Inc SX28AC/DP-G Datasheet HTML 2Page - Parallax Inc SX28AC/DP-G Datasheet HTML 3Page - Parallax Inc SX28AC/DP-G Datasheet HTML 4Page - Parallax Inc SX28AC/DP-G Datasheet HTML 5Page - Parallax Inc SX28AC/DP-G Datasheet HTML 6Page - Parallax Inc SX28AC/DP-G Datasheet HTML 7Page - Parallax Inc SX28AC/DP-G Datasheet HTML 8Page - Parallax Inc SX28AC/DP-G Datasheet HTML 9Page - Parallax Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
Parallax SX20AC/SX28AC
www.parallax.com
© Parallax Inc.
Page 5 of 51
Rev 1.6 11/20/2006
1.8.
Part Numbering
Table 1-1: Part Numbering
Device Part#
Pins
I/O
EE/Flash
(Words)
RAM
(Bytes)
Voltage
Range (V)
Operating Temp @
3.0 – 5.5 V, 50 MHz*
Operating Temp @
4.5 – 5.5 V, 75 MHz*
SX20AC/SS
SX20AC/SS-G
20
12
2K
137
3.0 – 5.5
-40 °C to +85 °C
0 °C to +70 °C
SX28AC/DP
SX28AC/DP-G
28
20
2K
136
3.0 – 5.5
-40 °C to +85 °C
0 °C to +70 °C
SX28AC/SS
SX28AC/SS-G
28
20
2K
136
3.0 – 5.5
-40 °C to +85 °C
0 °C to +70 °C
* Ratings are preliminary
Figure 1-2
Part Number Reference Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com