Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX28AC/DP-G Datasheet(PDF) 13 Page - Parallax Inc

Part # SX28AC/DP-G
Description  Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALLAX [Parallax Inc]
Direct Link  https://www.parallax.com/
Logo PARALLAX - Parallax Inc

SX28AC/DP-G Datasheet(HTML) 13 Page - Parallax Inc

Back Button SX28AC/DP-G Datasheet HTML 9Page - Parallax Inc SX28AC/DP-G Datasheet HTML 10Page - Parallax Inc SX28AC/DP-G Datasheet HTML 11Page - Parallax Inc SX28AC/DP-G Datasheet HTML 12Page - Parallax Inc SX28AC/DP-G Datasheet HTML 13Page - Parallax Inc SX28AC/DP-G Datasheet HTML 14Page - Parallax Inc SX28AC/DP-G Datasheet HTML 15Page - Parallax Inc SX28AC/DP-G Datasheet HTML 16Page - Parallax Inc SX28AC/DP-G Datasheet HTML 17Page - Parallax Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
Parallax SX20AC/SX28AC
www.parallax.com
© Parallax Inc.
Page 13 of 51
Rev 1.6 11/20/2006
4.0
SPECIAL-FUNCTION REGISTERS
The CPU uses a set of special-function registers to control
the operation of the device.
The CPU registers include an 8-bit working register (W),
which serves as a pseudo accumulator. It holds the second
operand of an instruction, receives the literal in immediate
type instructions, and also can be program selected as the
destination register.
A set of 31 file registers serves as the primary
accumulator. One of these registers holds the first operand
of an instruction and another can be program-selected as
the destination register. The first eight file registers
include the Real-Time Clock/Counter register (RTCC),
the lower eight bits of the 11-bit Program Counter (PC),
the 8-bit STATUS register, three port control registers for
Port A, Port B, Port C, the 8-bit File Select Register
(FSR), and INDF used for indirect addressing.
The five low-order bits of the FSR register select one of
the 31 file registers in the indirect addressing mode.
Calling for the file register located at address 00h (INDF)
in any of the file-oriented instructions selects indirect
addressing, which uses the FSR register. It should be
noted that the file register at address 00h is not a
physically implemented register. The CPU also contains
an 8 level, 11-bit hardware push/pop stack for subroutine
linkage.
Table 4-1: Special-Function Register
Address
Name
Function
00h
INDF
Used for indirect addressing
01h
RTCC
Real Time Clock/Counter
02h
PC
Program Counter (low byte)
03h
STATUS
Holds status bits of ALU
04h
FSR
File Select Register
05h
RA
Port RA control register
06h
RB
Port RB control register
07h
RC*
Port RC control register
*In the SX20 package, Port C is not used, and address 07h is
available as a general-purpose RAM location.
4.1.
PC Register (02h)
The PC register holds the lower eight bits of the program
counter. It is accessible at run time to perform branch
operations.
4.2.
STATUS Register (03h)
The STATUS register holds the arithmetic status of the
ALU, the page select bits, and the reset state. The
STATUS register is accessible during run time, except
that bits PD and TO are read-only. It is recommended that
only SETB and CLRB instructions be used on this
register. Care should be exercised when writing to the
STATUS register as the ALU status bits are updated upon
completion of the write operation, possibly leaving the
STATUS register with a result that is different than
intended.
PA2
PA1
PA0
TO
PD
Z
DC
C
Bit 7
Bit 0
Bit 7-5: Page select bits PA2:PA0
000 = Page 0 (000h - 01FFh)
001 = Page 1 (200h - 03FFh)
010 = Page 2 (400h - 05FFh)
011 = Page 3 (600h - 07FFh)
Bit 4:
Time Out bit, TO
1 = Set to 1 after power up and upon execution
of CLRWDT or SLEEP instructions
0 = A watchdog time-out occurred
Bit 3:
Power Down bit, PD
1= Set to a 1 after power up and upon execution
of the CLRWDT instruction
0 = Cleared to a ‘0’ upon execution of SLEEP
instruction
Bit 2:
Zero bit, Z
1 = Result of math operation is zero
0 = Result of math operation is non-zero
Bit 1:
Digit Carry bit, DC
After Addition:
1 = A carry from bit 3 occurred
0 = No carry from bit 3 occurred
After Subtraction:
1 = No borrow from bit 3 occurred
0 = A borrow from bit 3 occurred
Bit 0:
Carry bit, C
After Addition:
1 = A carry from bit 7 of the result occurred
0 = No carry from bit 7 of the result occurred
After Subtraction:
1 = No borrow from bit 7 of the result occurred
0 = A borrow from bit 7 of the result occurred
Rotate (RR or RL) Instructions:
The carry bit is loaded with the low or high order
bit, respectively. When CF bit is cleared, Carry
bit works as input For ADD and SUB
instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com