Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S06PUR Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST1S06PUR
Description  Synchronous rectification with inhibit, 1.5A, 1.5 MHz fixed or adjustable, step-down switching regulator in DFN6 3x3
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S06PUR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST1S06PUR Datasheet HTML 3Page - STMicroelectronics ST1S06PUR Datasheet HTML 4Page - STMicroelectronics ST1S06PUR Datasheet HTML 5Page - STMicroelectronics ST1S06PUR Datasheet HTML 6Page - STMicroelectronics ST1S06PUR Datasheet HTML 7Page - STMicroelectronics ST1S06PUR Datasheet HTML 8Page - STMicroelectronics ST1S06PUR Datasheet HTML 9Page - STMicroelectronics ST1S06PUR Datasheet HTML 10Page - STMicroelectronics ST1S06PUR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ST1S06
Electrical characteristics
7/19
Table 5.
Electrical characteristics for ST1S06PM12
(VIN_SW =VIN_A =VINH =5V, VO=1.2V, CI =4.7µF, CO =22µF, L1 =3.3µH, TJ =-30 to 125°C unless
otherwise specified. Typical values are referred to TJ =25°C)
Note: 1 Guaranteed by design, but not tested in production
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
OUT
Output feedback pin
1.176
1.2
1.224
V
IO
IO Pin bias current
VO = 1.5V
15
20
µA
VI
Minimum input voltage
IO= 10mA to 1.5A
2.7
V
IQ
Quiescent current
VINH > 1.2V
1.5
mA
VINH < 0.4V, TJ = -30°C to 85°C
1µA
IO
Output current
VI = 2.7 to 5.5V Note: 1
1.5
A
VINH
Inhibit threshold
Device ON, VI = 2.7 to 5.5V
1.3
V
Device ON, VI = 2.7 to 5V
1.2
Device OFF
0.4
IINH
Inhibit pin current
2µA
%VO/∆VI Reference line regulation
VI = 2.7V to 5.5V Note: 1
0.2
0.3
%VO/
∆VI
%VO/∆IO Reference load regulation
IO = 10mA to 1.5A Note: 1
0.2
0.3
%VO/
∆IO
PWMfS
PWM Switching frequency
VFB = 0.8V
1.2
1.5
1.8
MHz
DMAX
Maximum duty cycle
80
87
%
RDSON-N NMOS Switch on resistance
ISW = 750 mA
0.12
Ω
RDSON-P PMOS Switch on resistance
ISW = 750 mA
0.15
Ω
ISWL
Switching current limitation
Note: 1
2.3
A
ν
Efficiency
Note: 1
IO = 10mA to 100mA, VO = 1.2V
60
%
IO = 100mA to 1.5A, VO = 1.2V
80
85
TSHDN
Thermal shutdown
130
150
°C
THYS
Thermal shutdown hysteresis
15
°C
%VO/∆IO Load transient response
IO = 100mA to 750mA, TJ = 25°C
tR = tF ≥ 200ns, Note: 1
-5
+5
%VO
%VO/∆IO Short circuit removal response
IO = 10mA to IO=short, TJ = 25°C
Note: 1
-10
+10
%VO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com