Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S06PUR Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST1S06PUR
Description  Synchronous rectification with inhibit, 1.5A, 1.5 MHz fixed or adjustable, step-down switching regulator in DFN6 3x3
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S06PUR Datasheet(HTML) 5 Page - STMicroelectronics

  ST1S06PUR Datasheet HTML 1Page - STMicroelectronics ST1S06PUR Datasheet HTML 2Page - STMicroelectronics ST1S06PUR Datasheet HTML 3Page - STMicroelectronics ST1S06PUR Datasheet HTML 4Page - STMicroelectronics ST1S06PUR Datasheet HTML 5Page - STMicroelectronics ST1S06PUR Datasheet HTML 6Page - STMicroelectronics ST1S06PUR Datasheet HTML 7Page - STMicroelectronics ST1S06PUR Datasheet HTML 8Page - STMicroelectronics ST1S06PUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ST1S06
Maximum ratings
5/19
3
Maximum ratings
Table 2.
Absolute maximum ratings
Note:
Absolute Maximum Ratings are those values beyond which damage to the device may occur.
Functional Operation under these conditions is not implied.
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
VIN_SW
Positive power supply voltage
-0.3 to 7
V
VIN_A
Positive power supply voltage
-0.3 to 7
V
VINH
Inhibit voltage
-0.3 to VI + 0.3
V
SWITCH
Voltage
Max. voltage of output pin
-0.3 to 7
V
VFB/VO
Feedback voltage
-0.3 to 3
V
VO
Output voltage (for VO > 1.6V)
-0.3 to 6
V
TJ
Max junction temperature
-40 to 150
°C
TSTG
Storage temperature range
-65 to 150
°C
TLEAD
Lead temperature (soldering) 10 sec
260
°C
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient
55
°C/W
RthJC
Thermal resistance junction-case
10
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com