Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S06PUR Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST1S06PUR
Description  Synchronous rectification with inhibit, 1.5A, 1.5 MHz fixed or adjustable, step-down switching regulator in DFN6 3x3
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S06PUR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST1S06PUR Datasheet HTML 7Page - STMicroelectronics ST1S06PUR Datasheet HTML 8Page - STMicroelectronics ST1S06PUR Datasheet HTML 9Page - STMicroelectronics ST1S06PUR Datasheet HTML 10Page - STMicroelectronics ST1S06PUR Datasheet HTML 11Page - STMicroelectronics ST1S06PUR Datasheet HTML 12Page - STMicroelectronics ST1S06PUR Datasheet HTML 13Page - STMicroelectronics ST1S06PUR Datasheet HTML 14Page - STMicroelectronics ST1S06PUR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
ST1S06
Typical performance characteristics
11/19
Figure 15.
Inhibit voltage vs temperature
Figure 16.
Inhibit voltage vs temperature
Figure 17.
Line regulation vs temperature
Figure 18.
Load regulation vs temperature
Figure 19.
PWM Switching Frequency vs
temperature
Figure 20.
NMOS Switch on resistance vs
temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com